Electronic Components Datasheet Search
  English  ▼

X  

USB3500 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 5Page - SMSC Corporation USB3500 Datasheet HTML 6Page - SMSC Corporation USB3500 Datasheet HTML 7Page - SMSC Corporation USB3500 Datasheet HTML 8Page - SMSC Corporation USB3500 Datasheet HTML 9Page - SMSC Corporation USB3500 Datasheet HTML 10Page - SMSC Corporation USB3500 Datasheet HTML 11Page - SMSC Corporation USB3500 Datasheet HTML 12Page - SMSC Corporation USB3500 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
SMSC USB3500
9
Revision 1.0 (04-04-05)
DATASHEET
Chapter 2 Functional Overview
The USB3500 is a highly integrated USB transceiver system. It contains a complete USB2.0 PHY with
the UTMI+ industry standard interface to support fast time to market for a USB controller. The
USB3500 is composed of the functional blocks shown in Figure 2.1 below.
Figure 2.1 USB3500 Block Diagram
UTMI+
Digital
OTG
Module
24 MHz
XTAL
Internal
Regulators
& POR
5V
Power
Supply
Bias
Gen.
XCVRSEL[1:0]
VDD3.3
XTAL &
PLL
VBUS
ID
VDD3.3
DP
DM
USB3500
RBIAS
Mini-AB
USB
Connector
HS XCVR
FS/LS
XCVR
Resistors
TERMSEL
TXREADY
SUSPENDN
TXVALID
RESET
CHRGVBUS
RXACTIVE
OPMODE[1:0]
ID_DIG
IDPULLUP
CLKOUT
LINESTATE[1:0]
HOSTDISC
DISCHRGVBUS
SESSEND
DATA[7:0]
RXVALID
SESSVLD
DPPD
DMPD
RXERROR
VBUSVLD
TX
Logic
RX
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com