Electronic Components Datasheet Search
  English  ▼

X  

USB3500 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 21Page - SMSC Corporation USB3500 Datasheet HTML 22Page - SMSC Corporation USB3500 Datasheet HTML 23Page - SMSC Corporation USB3500 Datasheet HTML 24Page - SMSC Corporation USB3500 Datasheet HTML 25Page - SMSC Corporation USB3500 Datasheet HTML 26Page - SMSC Corporation USB3500 Datasheet HTML 27Page - SMSC Corporation USB3500 Datasheet HTML 28Page - SMSC Corporation USB3500 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
SMSC USB3500
25
Revision 1.0 (04-04-05)
DATASHEET
6.4
USB2.0 Transceiver
The SMSC Hi-Speed USB2.0 Transceiver consists of four blocks in the lower left corner of Figure 2.1
on page 9. These four blocks are labeled HS XCVR, FS/LS XCVR, Resistors, and Bias Gen.
6.4.1
High Speed and Full Speed Transceivers
The USB3500 transceiver meets all requirements in the USB2.0 specification.
The receivers connect directly to the USB cable. This block contains a separate differential receiver
for HS and FS mode. Depending on the mode, the selected receiver provides the serial data stream
through the multiplexer to the RX Logic block. The FS mode section of the FS/HS RX block also
consists of a single-ended receiver on each of the data lines to determine the correct FS linestate. For
HS mode support, the FS/HS RX block contains a squelch circuit to insure that noise is never
interpreted as data.
The transmitters connect directly to the USB cable. The block contains a separate differential FS and
HS transmitter which receive encoded, bit stuffed, serialized data from the TX Logic block and transmit
it on the USB cable.
6.4.2
Termination Resistors
The USB3500 transceiver fully integrates all of the USB termination resistors. The USB3500 includes
two 1.5kΩ pull-up resistors on DP and DM and a 15kΩ pull-down resistor on both DP and DM. In
addition the 45Ω high speed termination resistors are also integrated. These integrated resistors
require no tuning or trimming by the Link. The state of the resistors is determined by the operating
mode of the PHY. The possible valid resistor combinations are shown in Table 6.1. The RESISTOR
SETTINGS signals shown in the table are internal to the USB3500.
■
RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
■
RPU_DM_EN activates the 1.5kΩ DM pull-up resistor
■
RPD_DP_EN activates the 15kΩ DP pull-down resistor
■
RPD_DM_EN activates the 15kΩ DM pull-down resistor
Figure 6.7 Receive Timing for Data Packet (with CRC-16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com