Electronic Components Datasheet Search
  English  ▼

X  

USB3500 Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 38Page - SMSC Corporation USB3500 Datasheet HTML 39Page - SMSC Corporation USB3500 Datasheet HTML 40Page - SMSC Corporation USB3500 Datasheet HTML 41Page - SMSC Corporation USB3500 Datasheet HTML 42Page - SMSC Corporation USB3500 Datasheet HTML 43Page - SMSC Corporation USB3500 Datasheet HTML 44Page - SMSC Corporation USB3500 Datasheet HTML 45Page - SMSC Corporation USB3500 Datasheet HTML 46Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
SMSC USB3500
43
Revision 1.0 (04-04-05)
DATASHEET
7.14
USB Reset and Chirp
The USB2.0 specification describes USB Reset as a means of attaching a FS or a HS Device to a
Host. This discussion will focus on a HS device connecting to a HS host.
Figure 7.9 shows the UTMI+ interface for both a Host (DPPD & DMPD = 1) and a Device (DPPD &
DMPD = 0). The following discussion applies to when the USB3500 is a configured as a Device and
is connected to another USB3500 configured as a Host. Since the Host and Device negotiate this
transition, both are discussed together and the user may follow this discussion for either a host or
device depending on the application of the USB3500. This sequence is also referred to as a “high-
speed chirp” due to the K-J pairs which the host sends to the downstream device.
Before the Host begins a session, it will set Xcvrselect to FS mode (10b) and Termselect to 1b to
activate the HS termination. The Host will also asserted the 15Kohm pull-down resistors on DP and
DM. The 15Kohm pull down resistors will pull DP and DM to 0 volts so that the Host Linestate will
return Single Ended Zero (SE0) when nothing is attached.
At time marker T0, the host link applies VBUS to the downstream port.
At T1, the Device has detected a valid voltage on VBUS and has asserted Termselect to enable the
1.5K ohm pull-up resistor on DP. During T1 the Host sees the linestate go from SEO to a J due to the
pull-up on DP.
Figure 7.9 USB Reset and Chirp
xcvrselect
termselect
opmode
txvalid
data
Device DPPD & DMPD == 0
HOST DPPD & DMPD == 1
vbus
xcvrselect
termselect
opmode
txvalid
linestate
data
T1
T0
T2
5Volt
SE0
01
00
01
00
10
J
SE0
T3
T4
00h
Kseo
T5
KJ
K
J
T6
T7
T8
K
00
FF
FF
00
00
rxactive
rxvalid
00
10
00
DP
DM
K-J
Pairs
J
00
SE0
00-FF
HS
SOF
A5h
00
Hs SOF packet
Hs SOF packet
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com