Electronic Components Datasheet Search
  English  ▼

X  

USB3500 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 12Page - SMSC Corporation USB3500 Datasheet HTML 13Page - SMSC Corporation USB3500 Datasheet HTML 14Page - SMSC Corporation USB3500 Datasheet HTML 15Page - SMSC Corporation USB3500 Datasheet HTML 16Page - SMSC Corporation USB3500 Datasheet HTML 17Page - SMSC Corporation USB3500 Datasheet HTML 18Page - SMSC Corporation USB3500 Datasheet HTML 19Page - SMSC Corporation USB3500 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
Revision 1.0 (04-04-05)
16
SMSC USB3500
DATASHEET
Chapter 5 Electrical Characteristics
Note: VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.
Note: VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.
Note: VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.
Table 5.1 DC Electrical Characteristics: Supply Pins (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Unconfigured Current
IAVG(UCFG)
Device Unconfigured
55
mA
FS Idle Current
IAVG(FS)
FS idle not data transfer
55
mA
FS Transmit Current
IAVG(FSTX)
FS current during data
transmit
60.5
mA
FS Receive Current
IAVG(FSRX)
FS current during data
receive
57.5
mA
HS Idle Current
IAVG(HS)
FS idle not data transfer
60.6
mA
HS Transmit Current
IAVG(HSTX)
FS current during data
transmit
62.4
mA
HS Receive Current
IAVG(HSRX)
FS current during data
receive
61.5
mA
Low Power Mode
IDD(LPM)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor
currents not included.
83
uA
Table 5.2 Electrical Characteristics: CLKOUT Start-Up
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Suspend Recovery Time
TSTART
2.25
3.5
ms
Table 5.3 DC Electrical Characteristics: Logic Pins
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDD3.3
- 0.4
V
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com