Electronic Components Datasheet Search
  English  ▼

X  

USB3500 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 8Page - SMSC Corporation USB3500 Datasheet HTML 9Page - SMSC Corporation USB3500 Datasheet HTML 10Page - SMSC Corporation USB3500 Datasheet HTML 11Page - SMSC Corporation USB3500 Datasheet HTML 12Page - SMSC Corporation USB3500 Datasheet HTML 13Page - SMSC Corporation USB3500 Datasheet HTML 14Page - SMSC Corporation USB3500 Datasheet HTML 15Page - SMSC Corporation USB3500 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
Revision 1.0 (04-04-05)
12
SMSC USB3500
DATASHEET
12
DM
I/O,
Analog
N/A
D- pin of the USB cable.
13
VSS
Ground
N/A
PHY ground.
14
VDD3.3
N/A
N/A
3.3V PHY Supply.
15
XCVRSEL[1]
Input
N/A
Transceiver Select. These signals select between
the FS and HS transceivers:
Transceiver select.
00: HS
01: FS
10: LS
11: LS data, FS rise/fall times
16
CHRGVBUS
Input
High
Charge VBUS through a resistor to VDD3.3.
0: do not charge VBUS
1: charge VBUS
17
RXACTIVE
Output
High
Receive Active. Indicates that the receive state
machine has detected Start of Packet and is active.
18
OPMODE[1]
Input
N/A
Operational Mode. These signals select between
the various operational modes:
[1]
[0]
Description
0
0
0: Normal Operation
0
1
1: Non-driving (all terminations removed)
1
0
2: Disable bit stuffing and NRZI encoding
1
1
3: Reserved
19
OPMODE[0]
Input
N/A
20
ID_DIG
Output
High
ID Digital. Indicates the state of the ID pin.
0: connected plug is a mini-A
1: connected plug is a mini-B
21
IDPULLUP
Input
High
ID Pull-up. Enables sampling of the analog ID line.
Disabling the ID line sampler will reduce PHY power
consumption.
0: Disable sampling of ID line.
1: Enable sampling of ID line.
22
VSS
Ground
N/A
PHY ground.
23
CLKOUT
Output,
CMOS
N/A
60MHz reference clock output. All UTMI+ signals are
driven synchronous to this clock.
24
VSS
Ground
N/A
PHY ground.
25
LINESTATE[1]
Output
N/A
Line State. These signals reflect the current state of
the USB data bus in FS mode. Bit [0] reflects the
state of DP and bit [1] reflects the state of DM. When
the device is suspended or resuming from a
suspended state, the signals are combinatorial.
Otherwise, the signals are synchronized to CLKOUT.
[1]
[0]
Description
0
0
0: SEO
0
1
1: J State
1
0
2: K State
1
1
3: SE1
26
LINESTATE[0]
Output
N/A
27
VDD1.8
N/A
N/A
1.8V regulator output for digital circuitry on chip.
Place a 0.1uF capacitor near this pin and connect
the capacitor from this pin to ground. Connect pin 27
to pin 49.
Table 3.1 USB3500 Pin Definitions (continued)
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com