Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8277 Datasheet HTML 2Page - Analog Devices LT8277 Datasheet HTML 3Page - Analog Devices LT8277 Datasheet HTML 4Page - Analog Devices LT8277 Datasheet HTML 5Page - Analog Devices LT8277 Datasheet HTML 6Page - Analog Devices LT8277 Datasheet HTML 7Page - Analog Devices LT8277 Datasheet HTML 8Page - Analog Devices LT8277 Datasheet HTML 9Page - Analog Devices LT8277 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
6 of 31
(Specifications are at TA = 25°C, VIN = 12V, VENABLE = 12V, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
tHC, CS Hold Time
tHC
300
ns
tSD, SDI Setup Time
tSD
300
ns
tHD, SDI Hold Time
tHD
300
ns
tCP, SCK Clock Period
tCP
750
ns
tCW, SCK Pulse Width
tCW
350
ns
tWDT, Watch Dog Timer
Expiration Time
tWDT
20
ms
.
Timing Diagram
Figure 3. Timing Diagram
CS
SCK
SDI
X
C3
C2
C1
C0
A4
A3
A2
A1
A0
D6
D5
D4
D3
D2
D1
D0
X
tSC
tSD
tHD
tCP
tCW
tHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com