Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 3 Page - Analog Devices

  LT8277 Datasheet HTML 1Page - Analog Devices LT8277 Datasheet HTML 2Page - Analog Devices LT8277 Datasheet HTML 3Page - Analog Devices LT8277 Datasheet HTML 4Page - Analog Devices LT8277 Datasheet HTML 5Page - Analog Devices LT8277 Datasheet HTML 6Page - Analog Devices LT8277 Datasheet HTML 7Page - Analog Devices LT8277 Datasheet HTML 8Page - Analog Devices LT8277 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
3 of 31
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C, VIN = 12V, VENABLE = 12V, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VIN Operating Supply
Range
VIN_OPR
This specification is valid over the
full operating temperature range
3
40
V
VIN Start-Up Range
VIN_START
This specification is valid over the
full operating temperature range
5
40
V
VIN Pin Quiescent
Current
IQ
VMODE = 0V, No SPI Input, No
Switching
2
4
mA
VIN Pin Shutdown
Current
IVIN_SHDN
VENABLE = 1.15V
15
µA
VENABLE = 0.4V
1
ENABLE Threshold
Voltage (Falling)
VENABLE_FALLING
This specification is valid over the
full operating temperature range
1.16
1.26
1.36
V
ENABLE Rising
Hysteresis
VENABLE_HYS
60
mV
ENABLE Pin Bias
Current, Device Off
IENABLE_OFF
VENABLE = 1.15V
2.5
µA
ENABLE Pin Bias
Current, Device On
IENABLE_ON
VENABLE = 1.4V
10
100
nA
Internal LDO Regulator
INTVCC Regulation
Voltage
VINTVCC
IINTVCC = -30mA,
VMODE = 0V, No SPI
Input
This specification
is valid over the
full operating
temperature
range
4.8
5
5.2
V
INTVCC Undervoltage
Lockout (Falling)
VINTVCC_UVLO
3.8
4
4.2
V
INTVCC Undervoltage
Lockout Hysteresis
VINTVCC_UVLOHYS
170
mV
INTVCC Current Limit
IINTVCC_LIM
VIN = 12V, VINTVCC = 4V
140
mA
Dropout (VIN– VINTVCC)
VIN = 5V, IINTVCC = -40mA, Not Switching
300
mV
Current Comparator
VSENSE (VSNSP– VSNSN)
Limit
VSENSE_LIM
This specification is valid over the
full operating temperature range
65
75
85
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com