Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8277 Datasheet HTML 13Page - Analog Devices LT8277 Datasheet HTML 14Page - Analog Devices LT8277 Datasheet HTML 15Page - Analog Devices LT8277 Datasheet HTML 16Page - Analog Devices LT8277 Datasheet HTML 17Page - Analog Devices LT8277 Datasheet HTML 18Page - Analog Devices LT8277 Datasheet HTML 19Page - Analog Devices LT8277 Datasheet HTML 20Page - Analog Devices LT8277 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
17 of 31
Figure 29. Normalized Input Capacitor Ripple Current for a Boost Converter
Output Capacitor Selection
The output capacitor supplies transient current to the load. The X7R type ceramic chip capacitor is often the best
choice. Choose capacitors with a voltage rating around 60% higher than the target output voltage. For a boost or
SEPIC converter, the current flowing in the output capacitor can be large. Select the output capacitor based on
switching frequency, load current, number of phases (n), and acceptable ripple voltage. Note that increasing the
number of phases will decrease the voltage ripple for the same output capacitor and switching frequency. It is best
to use a capacitor with low equivalent series resistance and inductance (ESR and ESL) for this role. An additional
margin is recommended.
������������ >
������������������������������ ∙ (������������������������ − ������������������)
������ ∙ ������������������������ ∙ ������������������������������������������ ∙ ������
������������
(4)
Keep the current rating in mind when selecting an output capacitor. A plot of output capacitor RMS current over
switch duty appears in Figure 30. This plot is normalized to the DC load current.
Figure 30. Normalized Output Capacitor Ripple Current (RMS) for a Boost Converter
1-PHASE
2-PHASE
4-PHASE
8-PHASE
SWITCH DUTY
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
91
182
272
363
454
545
635
726
817
908
1-PHASE
2-PHASE
4-PHASE
8-PHASE
BOTTOM SWITCH DUTY RATIO
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com