Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8277 Datasheet HTML 9Page - Analog Devices LT8277 Datasheet HTML 10Page - Analog Devices LT8277 Datasheet HTML 11Page - Analog Devices LT8277 Datasheet HTML 12Page - Analog Devices LT8277 Datasheet HTML 13Page - Analog Devices LT8277 Datasheet HTML 14Page - Analog Devices LT8277 Datasheet HTML 15Page - Analog Devices LT8277 Datasheet HTML 16Page - Analog Devices LT8277 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
13 of 31
Figure 23. SNSP–SNSN Limit vs. GATE Duty Cycle for Both
Phases
Figure 24. SNSN1 and SNSN2 Pin Current vs. Temperature
Figure 25. Minimum Off Time vs. Temperature
Figure 26. Minimum On Time vs. Temperature
Figure 27. Gate Rise and Fall Time vs. Load Capacitance
θ1
θ2
GATE1 DUTY RATIO (%)
20.0
27.5
35.0
42.5
50.0
57.5
65.0
72.5
80.0
50
55
60
65
70
75
80
85
90
SNSN1
SNSN2
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
0
0.2
0.4
0.6
0.8
1.0
tOFF1 (200kHz)
tOFF1 (400kHz)
tOFF1 (2MHz)
tOFF2 (200kHz)
tOFF2 (400kHz)
tOFF2 (2MHz)
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
53
54
55
56
57
58
59
60
61
62
63
GATE1 (200kHz)
GATE2 (200kHz)
GATE1 (400kHz)
GATE2 (400kHz)
GATE1 (2MHz)
GATE2 (2MHz)
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
48
49
50
51
52
53
54
55
56
57
58
GATE1 (
tRISE)
GATE1 (
tFALL)
GATE2 (
tRISE)
GATE2 (
tFALL)
CLOAD (nF)
0
2
4
6
8
10
10
15
20
25
30
35
40
45
50
55
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com