Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8277 Datasheet HTML 16Page - Analog Devices LT8277 Datasheet HTML 17Page - Analog Devices LT8277 Datasheet HTML 18Page - Analog Devices LT8277 Datasheet HTML 19Page - Analog Devices LT8277 Datasheet HTML 20Page - Analog Devices LT8277 Datasheet HTML 21Page - Analog Devices LT8277 Datasheet HTML 22Page - Analog Devices LT8277 Datasheet HTML 23Page - Analog Devices LT8277 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
20 of 31
Loop Compensation
To stabilize the control loop formed by the LT8277 and the associated power stage, connect an RC network between
the VC pin and ground. For many low-frequency applications, a 4.7nF capacitor and 10k resistor will suffice.
If the above values do not satisfy stability requirements, first try adjusting the value of the capacitor. If the response
is stable but ringy, try adjusting the value of the resistor. If neither of these works, consider using a lower
programmed current limit (if possible), changing the value of the output capacitor, or changing the value of the
inductor.
Programming the Switching Frequency
To program the switching frequency for the LT8277, connect a single resistor between the RT pin and the ground. To
select a resistor, see Table 10. Note that for the same component values, increasing switching frequency will reduce
input and output voltage ripple and reduce inductor current ripple, but it can also decrease efficiency.
To synchronize LT8277 to an external clock, drive the SYNC/SPRD pin with that clock. Choose RT such that the
programmed switching frequency is within ±15% of the external clock frequency.
Like all switching converters, the LT8277 can create electromagnetic interference (EMI). One way to reduce the EMI
emitted by a switching converter is to use spread spectrum frequency modulation (SSFM). To enable internal SSFM,
tie the SYNC/SPRD pin to INTVCC.
Table 10. Selected RT values and Switching Frequency
FSW (kHz)
RT (kΩ)
100
523
200
191
250
143
300
115
400
82.5
500
63.4
1000
28.0
2000
11.0
Soft-Start and PGOOD Reporting
To reduce stress seen by external components, LT8277 uses a soft-start. When switching begins, either after power-
on or when recovering from a fault, the output voltage target and switching frequency fall considerably below their
nominal values. As the startup proceeds, both constraints relax. The duration of the foldback depends on RT. The
duration of a soft-start can become lengthy for low switching frequency applications. The SPI interface provides a
bit to speed up soft-start, decreasing its duration to 25% of the default soft-start time set by RT.
During soft-start, LT8277 inhibits the PGOOD signal to allow the part to reach a steady state. However, once soft-
start is complete, the PGOOD pin will be asserted whenever the output voltage is within 5% of the value programmed
using the SPI port. The PGOOD pin is an active-high open-drain signal, and using a resistive pull-up to VIN or INTVCC is
recommended to prevent errant assertions of the PGOOD signal while the part is unpowered.
If the output voltage exceeds the programmed value by around 5%, switching will stop, irrespective of the voltage at
VC. If the output falls to less than 30% of the value programmed using the SPI port, switching stops. After a brief
cooldown period, the part will attempt to restart as if power had just been applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com