Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8277 Datasheet HTML 23Page - Analog Devices LT8277 Datasheet HTML 24Page - Analog Devices LT8277 Datasheet HTML 25Page - Analog Devices LT8277 Datasheet HTML 26Page - Analog Devices LT8277 Datasheet HTML 27Page - Analog Devices LT8277 Datasheet HTML 28Page - Analog Devices LT8277 Datasheet HTML 29Page - Analog Devices LT8277 Datasheet HTML 30Page - Analog Devices LT8277 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
29 of 31
OUTLINE DIMENSIONS
3.00 ±0.05
1.50 REF
4.00 ±0.05
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ±0.10
19
20
1
2
BOTTOM VIEW—EXPOSED PAD
2.50 REF
1.00 BSC
0.75 ±0.05
R = 0.115
TYP
PIN 1
CHAMFER
C = 0.35
0.25 ±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
2.50 REF
3.10 ±0.05
4.50 ±0.05
1.50 REF
2.10 ±0.05
3.50 ±0.05
PACKAGE OUTLINE
1.65 ±0.10
2.65 ±0.10
1.65 ±0.05
2.65 ±0.05
0.50 BSC
0.75 ±0.05
0.200 REF
0.00 – 0.05
0.203 REF
TERMINAL THICKNESS
TERMINAL LENGTH
0.40 ± 0.10
0.05 REF
PLATED AREA
DETAIL A
0.10 MIN
DETAIL A
0.275 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com