Electronic Components Datasheet Search
  English  ▼

X  

LT8277 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8277 Datasheet HTML 15Page - Analog Devices LT8277 Datasheet HTML 16Page - Analog Devices LT8277 Datasheet HTML 17Page - Analog Devices LT8277 Datasheet HTML 18Page - Analog Devices LT8277 Datasheet HTML 19Page - Analog Devices LT8277 Datasheet HTML 20Page - Analog Devices LT8277 Datasheet HTML 21Page - Analog Devices LT8277 Datasheet HTML 22Page - Analog Devices LT8277 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
19 of 31
Figure 32. LT8277 DCR Current Sensing
������������,������������������ =
75mV
������������,������������������
A
(7)
������������������������ =
������
������������,������������������
(8)
This relationship is underspecified, so pick a reasonable pair of R and C values.
Power NMOS Selection
Select a power NMOS for use with LT8277 with a maximum drain-source voltage rating higher than the programmed
output voltage and Schottky forward voltage. An additional margin of 10V is recommended. The continuous forward
current rating of the switch should exceed the programmed inductor current limit. Keep power dissipation capability
in mind for high-power applications. A table of manufacturers appears in Table 8.
Table 8. Recommended Power NMOS Vendors
NAME
WEBSITE
Vishay
www.vishay.com
Infineon
www.infineon.com
Renesas
www.renesas.com
ON Semiconductor
www.onsemi.com
Schottky Rectifier Selection
Select a Schottky rectifier for use with the LT8277 with a reverse voltage rating higher than the intended output
voltage target. An additional margin of 10V is recommended. The rectifier should have an average forward current
rating greater than ILIM(OUTPUT)/n, where n is the number of phases, and an instantaneous forward current rating higher
than the programmed inductor current limit. A table of manufacturers appears in Table 9.
Table 9. Recommended Schottky Vendors
NAME
WEBSITE
Vishay
www.vishay.com
ON Semiconductor
www.onsemi.com
Diodes, Inc.
www.diodes.com
Central Semiconductor
www.centralsemi.com
NXP
www.nxp.com
VIN
RS
CS
Lx
LT8277
SNSPx
SNSNx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com