Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 16 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments TDP2004 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Table 6-11. TI Test Mode Control Register (Channel register base + Offset = 0x04) (continued)
Bit
Field
Type
Reset
Description
2
TI test mode
R/W
0x0
Set TI test mode:
0: test mode is enabled
1: test mode is disabled. Must be set to "1" for normal operation.
Table 6-12. PD Override Register (Channel register base + Offset = 0x05)
Bit
Field
Type
Reset
Description
7
device_en_override
R/W
0x0
Enable power down overrides through SMBus/I2C
0: Manual override disabled
1: Manual override enabled
6-0
device_en
R/W
0x111111
Manual power down of redriver various blocks of a channel –
gated by device_en_override = 1
111111: All blocks in the channel are enabled
000000: All blocks in the channel are disabled
Table 6-13. Bias Register (Channel register base + Offset = 0x06)
Bit
Field
Type
Reset
Description
5-3
Bias current
R/W
0x100
Control bias current
Set 001 for best performance
7,6,2-0
Reserved
R/W
0x00000
Reserved
6.5.3 SMBus/I2C Primary Mode Configuration (EEPROM Self Load)
The TDP2004 can also be configured by reading from EEPROM. To enter into this mode MODE pin must be
set to L1. The EEPROM load operation only happens once after the device's initial power-up. If the TDP2004
is configured for SMBus Primary mode, then it will remain in the SMBus IDLE state until the READ_EN_N pin
is asserted to LOW. After the READ_EN_N pin is driven LOW, theTDP2004 becomes an SMBus primary and
attempts to self-configure by reading the device settings stored in an external EEPROM (SMBus 8-bit address
0xA0). When the TDP2004 has finished reading from the EEPROM successfully, it will drive the DONEn pin
LOW. SMBus/I2C secondary operation is available in this mode before, during, or after EEPROM reading. Note:
during EEPROM reading, if the external SMBus/I2C primary wants to access TDP2004 registers, then it must
support arbitration.
When designing a system for using the external EEPROM, the user must follow these specific guidelines:
• EEPROM size of 2Kb (256 × 8-bit) is recommended.
• Set MODE = L1, configure for SMBus Primary mode.
• The external EEPROM device address byte must be 0xA0 and capable of 400 kHz operation at 3.3 V supply
• In SMBus/I2C modes the SCL and SDA pins must be pulled up to a 3.3 V supply with a pull-up resistor.
The value of the resistor depends on total bus capacitance. 4.7 kΩ is a good first approximation for a bus
capacitance of 10 pF.
Multiple TDP2004 can be cascaded to read from single EEPROM. Tie the READ_EN_N pin of the first device
low (GND) to automatically initiate EEPROM read at power up. DONEn of the first device can be fed into
READ_EN_N of the next device with 4.7k pull-up resistors. Leave the DONEn pin of the final device floating, or
connect the pin to a micro-controller input to monitor the completion of the final EEPROM read.
TDP2004
SNLS745 – NOVEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com