Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 5 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 5 Page - Texas Instruments

  TDP2004 Datasheet HTML 1Page - Texas Instruments TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
RX2P
36
I
Non-inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor
from the pin to internal CM bias voltage. Channel 2.
RX3N
40
I
Inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor from
the pin to internal CM bias voltage. Channel 3.
RX3P
39
I
Non-inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor
from the pin to internal CM bias voltage. Channel 3.
TX0N
19
O
Inverting pin for 100 Ω differential driver output. Channel 0.
TX0P
20
O
Non-inverting pin for 100 Ω differential driver output. Channel 0.
TX1N
16
O
Inverting pin for 100 Ω differential driver output. Channel 1.
TX1P
17
O
Non-inverting pin for 100 Ω differential driver output. Channel 1.
TX2N
12
O
Inverting pin for 100 Ω differential driver output. Channel 2.
TX2P
13
O
Non-inverting pin for 100 Ω differential driver output. Channel 2.
TX3N
9
O
Inverting pin for 100 Ω differential driver output. Channel 3.
TX3P
10
O
Non-inverting pin for 100 Ω differential driver output. Channel 3.
VCC
14, 15, 34, 35
P
Power supply pins. VCC = 3.3 V ±10%. The VCC pins on this device should be
connected through a low-resistance path to the board VCC plane. Install a decoupling
capacitor to GND near each VCC pin.
(1)
I = input, O = output, P = power
www.ti.com
TDP2004
SNLS745 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com