Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 9 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
5.7 SMBUS/I2C Timing Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tLOW
LOW period of the SCL clock
1.3
µs
THIGH
HIGH period of the SCL clock
0.6
µs
tSU-STA
Set-up time for a repeated START
condition
0.6
µs
tHD-DAT
Data hold time
0
µs
TSU-DAT
Data setup time
0.1
µs
tr
Rise time of both SDA and SCL
signals
Pull-up resistor = 4.7 kΩ, Cb = 10 pF
120
ns
tf
Fall time of both SDA and SCL signals Pull-up resistor = 4.7 kΩ, Cb = 10 pF
2
ns
tSU-STO
Set-up time for STOP condition
0.6
µs
tBUF
Bus free time between a STOP and
START condition
1.3
µs
tVD-DAT
Data valid time
0.9
µs
tVD-ACK
Data valid acknowledge time
0.9
µs
Cb
Capacitive load for each bus line
400
pF
Primary Mode
fSCL-M
SCL clock frequency
303
kHz
tLOW-M
SCL low period
1.90
µs
THIGH-M
SCL high period
1.40
µs
tSU-STA-M
Set-up time for a repeated START
condition
2
µs
tHD-STA-M
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
1.5
µs
TSU-DAT-M
Data setup time
1.4
µs
tHD-DAT-M
Data hold time
0.5
µs
tR-M
Rise time of both SDA and SCL
signals
Pull-up resistor = 4.7 kΩ, Cb = 10 pF
120
ns
TF-M
Fall time of both SDA and SCL signals Pull-up resistor = 4.7 kΩ, Cb = 10 pF
2
ns
tSU-STO-M
Stop condition setup time
1.5
µs
EEPROM Timing
TEEPROM
EEPROM configuration load time
Time to assert DONEn after
READ_EN_N has been asserted.
7.5
ms
TPOR
Time to first SMBus access
Power supply stable after initial ramp.
Includes initial power-on reset time.
50
ms
www.ti.com
TDP2004
SNLS745 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com