Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 7 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
TDP2004
UNIT
RNQ, 40
Pins
RθJA-High K
Junction-to-ambient thermal resistance
30.7
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.8
℃/W
RθJB
Junction-to-board thermal resistance
11.4
℃/W
ψJT
Junction-to-top characterization parameter
0.3
℃/W
ψJB
Junction-to-board characterization parameter
11.4
℃/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
℃/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
5.5 DC Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
PACT
Device active power
4 channels active, EQ = 0-2
0.57
0.71
W
4 channels active, EQ = 5-19
0.69
0.85
W
PSTBY
Device power consumption in standby
power mode
All channels disabled (PD = H)
17
25
mW
Control IO
VIH
High level input voltage
SDA, SCL, PD, READ_EN_N pins
2.1
V
VIL
Low level input voltage
SDA, SCL, PD, READ_EN_N pins
1.08
V
VOH
High level output voltage
Rpull-up = 4.7 kΩ (SDA, SCL, DONEn
pins)
2.1
V
VOL
Low level output voltage
IOL = –4 mA (SDA, SCL, DONEn pins)
0.4
V
IIH
Input high leakage current
VInput = VCC, (SCL, SDA, PD,
READ_EN_N pins)
10
µA
IIL
Input low leakage current
VInput = 0 V, (SCL, SDA, PD,
READ_EN_N pins)
-10
µA
IIH,FS
Input high leakage current for fail safe
input pins
VInput = 3.6 V, VCC = 0 V, (SCL, SDA, ,
PD, READ_EN_N pins)
200
µA
CIN-CTRL
Input capacitance
SDA, SCL, PD, READ_EN_N pins
1.6
pF
5 Level IOs (MODE, GAIN, EQ0, EQ1 pins)
IIH_5L
Input high leakage current, 5-level IOs VIN = 2.5 V
10
µA
IIL_5L
Input low leakage current for all 5-level
IOs except MODE.
VIN = GND
-10
µA
IIL_5L,MODE
Input low leakage current for MODE
pin
VIN = GND
-200
µA
Receiver
VRX-DC-CM
RX DC common vode voltage
Device is in active or standby state
1.4
V
ZRX-DC
Rx DC single-ended impedance
50
Ω
Transmitter
ZTX-DIFF-DC
DC differential Tx impedance
Impedance of Tx during active
signaling, VID,diff = 1 Vpp
100
Ω
VTX-DC-CM
Tx DC common mode voltage
1.0
V
ITX-SHORT
Tx short circuit current
Total current the Tx can supply when
shorted to GND
70
mA
www.ti.com
TDP2004
SNLS745 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com