Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 6 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCCABSMAX
Supply voltage (VCC)
–0.5
4.0
V
VIOCMOS,ABSMAX
3.3 V LVCMOS and open drain I/O voltage
–0.5
4.0
V
VIO5LVL,ABSMAX
5-level input I/O voltage
–0.5
2.75
V
VIOHS-RX,ABSMAX
High-speed I/O voltage (RXnP, RXnN)
–0.5
3.2
V
VIOHS-TX,ABSMAX
High-speed I/O voltage (TXnP, TXnN)
–0.5
2.75
V
TJ,ABSMAX
Junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Condition. If
used outside the Recommended Operating Condition but within the Absolute Maximum Rating, the device may not be fully functional,
and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2 kV
may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage, VCC to GND
DC plus AC power should not
exceed these limits
3.0
3.3
3.6
V
NVCC
Supply noise tolerance
DC to <50 Hz, sinusoidal1
250
mVpp
50 Hz to 500 kHz, sinusoidal1
100
mVpp
500 kHz to 2.5 MHz, sinusoidal1
33
mVpp
Supply noise, >2.5 MHz,
sinusoidal1
10
mVpp
TRampVCC
VCC supply ramp time
From 0 V to 3.0 V
0.150
100
ms
TA
Operating ambient temperature
TDP2004
0
70
°C
TDP2004I
-40
85
°C
TJ
Operating junction temperature
TDP2004
105
°C
TDP2004I
125
°C
PWLVCMOS
Minimum pulse width required for
the device to detect a valid signal
on LVCMOS inputs
PD and READ_EN_N
200
μs
VCCSMBUS
SMBus/I2C SDA and SCL open
drain termination voltage
Supply voltage for open drain
pull-up resistor
3.6
V
FSMBus
SMBus/I2C clock (SCL) frequency SMBus secondary mode
10
400
kHz
VIDLAUNCH Source launch amplitude
Differential signaling
1200
mVpp
DR
Data rate
1
20
Gbps
TDP2004
SNLS745 – NOVEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com