Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 10 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
5.8 Typical Characteristics
Figure 5-1 shows typical EQ gain curves versus frequency for different EQ settings. Figure 5-2 shows typical differential
return loss for Rx and Tx pins.
Frequency (GHz)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
-10
-5
0
5
10
15
20
25
EQ = 0
EQ = 1
EQ = 2
EQ = 5
EQ = 6
EQ = 7
EQ = 8
EQ = 9
EQ = 10
EQ = 11
EQ = 12
EQ = 13
EQ = 14
EQ = 15
EQ = 16
EQ = 17
EQ = 18
EQ = 19
Figure 5-1. Typical EQ Boost vs Frequency
Frequency (GHz)
0
4
8
12
16
20
24
-28
-24
-20
-16
-12
-8
-4
0
Rx
Tx
Figure 5-2. Typical Differential Return Loss
5.9 Typical Jitter Characteristics
Figure 5-3 and Figure 5-4 show eye diagrams at 20Gbps that compare jitter through calibration traces (left), and jitter through
TDP2004 (right) at TI evaluation boards with minimal channels. The eye diagrams illustrate that TDP2004 adds very little
random jitter (RJ).
Figure 5-3. Through Baseline Calibration Trace Setup for
20Gbps
Figure 5-4. Through TDP2004 for 20Gbps
TDP2004
SNLS745 – NOVEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com