Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 4 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 4 Page - Texas Instruments

  TDP2004 Datasheet HTML 1Page - Texas Instruments TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
MODE
25
I, 5-level
Sets device control configuration modes. 5-level IO pin as provided in Table 6-3. The
pin can be exercised at device power up or in normal operation mode.
L0: Pin mode – device control configuration is done solely by strap pins.
L1: SMBus/I2C Primary mode – device control configuration is read from external
EEPROM. When the TDP2004 has finished reading from the EEPROM successfully,
it will drive the DONEn pin LOW. SMBus/I2C secondary operation is available in this
mode before, during or after EEPROM reading. Note: during EEPROM reading if
the external SMBus/I2C primary wants to access TDP2004 registers it must support
arbitration.
L2: SMBus/I2C Secondary mode – device control configuration is done by an external
controller with SMBus/I2C primary.
L3 and L4 (Float): RESERVED – TI internal test modes.
EQ0 / ADDR0
23
I, 5-level
In Pin mode:
Sets receiver linear equalization (CTLE) boost for channels 0-3 as provided in Table
6-1. These pins are sampled at device power-up only.
In SMBus/I2C mode:
Sets SMBus / I2C secondary address as provided in Table 6-4. These pins are
sampled at device power-up only.
EQ1 / ADDR1
24
I, 5-level
GAIN / SDA
27
I, 5-level / I/O,
3.3 V
LVCMOS,
open drain
In Pin mode:
Flat gain (DC and AC) from the input to the output of the device for channels 0-3. The
pin is sampled at device power-up only.
In SMBus/I2C mode:
3.3 V SMBus/I2C data. External 1 kΩ to 5 kΩ pullup resistor is required as per SMBus /
I2C interface standard.
GND
1, 8, 11, 18,
21, 28, 31, 38,
EP
P
Ground reference for the device.
EP: the Exposed Pad at the bottom of the QFN package. It is used as the GND return
for the device. The EP should be connected to one or more ground planes through the
low resistance path. A via array provides a low impedance path to GND. The EP also
improves thermal dissipation.
PD
6
I, 3.3 V
LVCMOS
2-level logic controlling the operating state of the redriver. Active in all device control
modes. The pin has internal 1-MΩ weak pull-down resistor.
High: power down for channels 0-3
Low: power up, normal operation for channels 0-3
READ_EN_N
22
I, 3.3 V
LVCMOS
In SMBus/I2C Primary mode:
After device power up, when the pin is low, it initiates the SMBus / I2C Primary mode
EEPROM read function. When EEPROM read is complete (indicated by assertion
of DONEn low), this pin can be held low for normal device operation. During the
EEPROM load process the device’s signal path is disabled.
In SMBus/I2C Secondary and Pin modes:
In these modes the pin is not used. The pin can be left floating. The pin has internal
1-MΩ weak pull-down resistor.
RSVD
2
—
Reserved use for TI. The pin must be left floating (NC).
TEST / SCL
26
I, 5-level / I/O,
3.3 V
LVCMOS,
open drain
In Pin mode:
TI test mode. External 1 kΩ pull down resistor must be installed.
In SMBus/I2C mode:
3.3V SMBus/I2C clock. External 1 kΩ to 5 kΩ pullup resistor is required as per SMBus /
I2C interface standard.
RX0N
30
I
Inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor from
the pin to internal CM bias voltage. Channel 0.
RX0P
29
I
Non-inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor
from the pin to internal CM bias voltage. Channel 0.
RX1N
33
I
Inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor from
the pin to internal CM bias voltage. Channel 1.
RX1P
32
I
Non-inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor
from the pin to internal CM bias voltage. Channel 1.
RX2N
37
I
Inverting differential inputs to the equalizer. Integrated 50 Ω termination resistor from
the pin to internal CM bias voltage. Channel 2.
TDP2004
SNLS745 – NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com