Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 2 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 2 Page - International Rectifier

  IR3084A Datasheet HTML 1Page - International Rectifier IR3084A Datasheet HTML 2Page - International Rectifier IR3084A Datasheet HTML 3Page - International Rectifier IR3084A Datasheet HTML 4Page - International Rectifier IR3084A Datasheet HTML 5Page - International Rectifier IR3084A Datasheet HTML 6Page - International Rectifier IR3084A Datasheet HTML 7Page - International Rectifier IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
IR3084A
Page 2 of 45
10/30/2006
ORDERING INFORAMATION
DEVICE
ORDER QUANTITY
IR3084AMTRPBF
3000 Tape and Reel
IR3084AMPBF
100 Piece Strip
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed below may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
Operating Junction Temperature……………..0 to 150oC
Storage Temperature Range………………….
í65oC to 150oC
ESD Rating………………………………………HBM Class 1B JEDEC standard
Moisture Sensitivity Level………………………JEDEC Level 2 @ 260 oC
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
VIDSEL
20V
í0.3V
1mA
1mA
2
í9
VID7
í
20V
í0.3V
1mA
1mA
10
VOSNS
í
0.5V
í0.5V
10mA
10mA
11
ROSC
20V
í0.5V
1mA
1mA
12
VDAC
20V
í0.3V
1mA
1mA
13
OCSET
20V
í0.3V
1mA
1mA
14
VSETPT
20V
í0.3V
1mA
1mA
15
IIN
20V
í0.3V
1mA
1mA
16
VDRP
20V
í0.3V
5mA
5mA
17
FB
20V
í0.3V
1mA
1mA
18
EAOUT
10V
í0.3V
20mA
20mA
19
RMPOUT
20V
í0.3V
5mA
5mA
20
VBIAS
20V
í0.3V
50mA
10mA
21
VCC
20V
í0.3V
1mA
50mA
22
LGND
n/a
n/a
50mA
1mA
23
REGFB
20V
í0.3V
1mA
1mA
24
REGDRV
20V
í0.3V
10mA
50mA
25
REGSET
20V
í0.3V
1mA
1mA
26
SS/DEL
20V
í0.3V
1mA
1mA
27
VRRDY
20V
í0.3V
1mA
20mA
28
ENABLE
20V
í0.3V
1mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com