Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 4 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 4 Page - International Rectifier

  IR3084A Datasheet HTML 1Page - International Rectifier IR3084A Datasheet HTML 2Page - International Rectifier IR3084A Datasheet HTML 3Page - International Rectifier IR3084A Datasheet HTML 4Page - International Rectifier IR3084A Datasheet HTML 5Page - International Rectifier IR3084A Datasheet HTML 6Page - International Rectifier IR3084A Datasheet HTML 7Page - International Rectifier IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
IR3084A
Page 4 of 45
10/30/2006
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
CURRENT SENSE INPUT
IIN Bias Current
V(SS/DEL) > 0.85V, V(EAOUT) > 0.5V
í2.0
í0.2
1.0
µA
IIN Preconditioning Pull-Down
Resistance
V(SS/DEL) < 0.35V
5.6
12.5
19.4
K
Ÿ
IIN Preconditioning RESET
Threshold
V(EAOUT)
0.20
0.35
0.50
V
IIN Preconditioning SET
Threshold
V(SS/DEL)
0.35
0.60
0.85
V
VBIAS REGULATOR
Output Voltage
í5mA ” , 9%,$6 ” P$
6.6
6.9
7.2
V
Current Limit
í35
í20
í6
mA
Over-Current Comparator
Input Offset Voltage
1V
” 9 2&6(7 ” 9
í10
í1
10
mV
OCSET Bias Current
í53.5
í51
í48.5
µA
SOFT START AND DELAY
Start Delay (TD1)
RDRP =
’
1.2
1.8
2.6
ms
Soft Start Time (TD2)
RDRP =
’
0.8
1.6
2.8
ms
VID Sample Delay (TD3)
0.2
1.0
2.5
ms
VRRDY Delay (TD4 + TD5)
0.5
1.3
2.2
ms
OC Delay Time
Note 1
150
250
350
µs
SS/DEL to FB Input Offset
Voltage
With FB = 0V, adjust V(SS/DEL) until
EAOUT drives high
0.85
1.3
1.5
V
SS/DEL Charge Current
40
70
100
µA
SS/DEL Discharge Current
4
6.5
9
µA
Charge/Discharge Current
Ratio
9.5
11.2
12.5
µA/µA
OC Discharge Current
Note 1
20
40
60
µA
Charge Voltage
3.6
3.85
4.1
V
OC/VRRDY Delay
Comparator Threshold
Relative to Charge Voltage,
SS/DEL rising
80
mV
OC/VRRDY Delay
Comparator Threshold
Relative to Charge Voltage,
SS/DEL falling
100
mV
Delay Comparator Hysteresis
20
mV
VID Sample Delay
Comparator Threshold
3.10
V
SS/DEL Discharge
Comparator Threshold
215
mV
ENABLE INPUT
Threshold Voltage
ENABLE rising
775
850
925
mV
Threshold Voltage
ENABLE falling
675
750
825
mV
Threshold Hysteresis
60
100
140
mV
Input Resistance
50
100
200
K
Ÿ
Blanking Time
Noise Pulse < 250ns will not register
an ENABLE state change. Note 1
75
250
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com