Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 3 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 3 Page - International Rectifier

  IR3084A Datasheet HTML 1Page - International Rectifier IR3084A Datasheet HTML 2Page - International Rectifier IR3084A Datasheet HTML 3Page - International Rectifier IR3084A Datasheet HTML 4Page - International Rectifier IR3084A Datasheet HTML 5Page - International Rectifier IR3084A Datasheet HTML 6Page - International Rectifier IR3084A Datasheet HTML 7Page - International Rectifier IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
IR3084A
Page 3 of 45
10/30/2006
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 9.5V
” V
CC
” 16V, í0.3V ” VOSNSí ” 0.3V,
0 oC
” T
J
” 100oC, ROSC = 24kŸ &66'(/ µF ±10%
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDAC REFERENCE
VID
• 1V, 10kŸ”526&”NŸ,
25 oC
” T
J
” 100oC
í0.5
0.5
%
0.8V
” VID < 1V, 10kŸ”526&”NŸ,
25 oC
” T
J
” 100oC
í5
+5
mV
System Set-Point Accuracy
(Deviation from Tables 1 & 2
per test circuit in Figure 1
which emulates in-VR
operation)
0.5V
”VID<0.8V, 10kŸ”526&”NŸ,
25 oC
” T
J
” 100oC
í8
+8
mV
Source Current
Includes OCSET and VSETPT currents
104
113
122
$
Sink Current
Includes OCSET and VSETPT currents
92
100
108
µA
VIDx Input Threshold
500
600
700
mV
VIDx & VIDSEL Input Bias
Current
0V
” VIDx ” VCC
í5
0
5
µA
VIDx 11111x Blanking Delay
Measure Time till VRRDY drives low,
Note 1
0.5
1.3
2.1
µs
VIDSEL Pull-up Voltage
VIDSEL FLOATING
1.15
1.25
1.35
V
VIDSEL Pull-up Resistance
5.0
12.5
20.0
K
Ÿ
VIDSEL VR10/VR11
Threshold
0.55
0.62
0.69
V
VIDSEL VR11 No Boot
Threshold
3.0
3.5
4.0
V
VIDSEL VR10 No Boot
Threshold
7.0
7.5
8.0
V
ERROR AMPLIFIER
Input Offset Voltage
Measure V(FB) – V(VSETPT) per test
circuit in Figure 1. Applies to TBS VID
codes. Note 2.
í5
0.0
5
mV
FB Bias Current
í1
í0.3
0.5
µA
VSETPT Bias Current
48.5
51
53.5
µA
DC Gain
Note 1
90
100
110
dB
Gain Bandwidth Product
Note 1
6
10
MHz
Corner Frequency
45 deg Phase Shift, Note 1
200
400
Hz
Slew Rate
Note 1
1.4
3.2
5
V/
µs
Source Current
í1.2
í0.8
í0.35
mA
Sink Current
0.5
1.0
1.7
mA
Max Voltage
VBIAS–VEAOUT (ref. to VBIAS)
150
375
600
mV
Min Voltage
Normal operation or Fault mode
30
110
200
mV
VDRP BUFFER AMPLIFIER
Input Offset Voltage
V(VDRP) – V(IIN), 0.5V
” 9 ,,1 ” 9
í10
í1
6
mV
Source Current
0.5V
” 9 ,,1 ” 9
í9
í7.3
í4
mA
Sink Current
0.5V
” 9 ,,1 ” 9
0.2
0.88
4.1
mA
Bandwidth (
í3dB)
Note 1
1
6
MHz
Slew Rate
Note 1
5
10
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com