Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 5 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 5 Page - International Rectifier

  IR3084A Datasheet HTML 1Page - International Rectifier IR3084A Datasheet HTML 2Page - International Rectifier IR3084A Datasheet HTML 3Page - International Rectifier IR3084A Datasheet HTML 4Page - International Rectifier IR3084A Datasheet HTML 5Page - International Rectifier IR3084A Datasheet HTML 6Page - International Rectifier IR3084A Datasheet HTML 7Page - International Rectifier IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
IR3084A
Page 5 of 45
10/30/2006
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRRDY OUTPUT
Output Voltage
I(VRRDY) = 4mA
150
300
mV
Leakage Current
V(VRRDY) = 5.5V
0
10
µA
OSCILLATOR
Switching Frequency
450
500
550
kHz
Peak Voltage (4.8V typical,
measured as % of VBIAS)
70
72
74
%
Valley Voltage (0.9V typical,
measured as % of VBIAS)
10
13
15
%
DRIVER BIAS REGULATOR
REGSET Bias Current
1.5V
” 9 5(*6(7 ” 9&& – 1.5V
í112
í99
í85
µA
Input Offset Voltage
1.5V
” 9 5(*6(7 ” 9&& – 1.5V,
100
µA
” , 5(*'59 ” P$
í12
0
12
mV
Short Circuit Current
V(REGDRV) = 0V,
1.5V
” 9 5(*6(7 ” 9&& – 1.5V,
Note 1
10
20
50
mA
Dropout Voltage
I(REGDRV) = 10mA, Note 1
0.4
0.87
1.33
V
VCC UNDER
íVOLTAGE LOCKOUT
Start Threshold
9.3
9.9
10.3
V
Stop Threshold
8.5
9.1
9.5
V
Hysteresis
Start – Stop
575
800
1000
mV
GENERAL
VCC Supply Current
9
14
18
mA
VOSNS
í &XUUHQW
í0.3V ” VOSNSí ” 0.3V,
All VID Codes
í1.45
í1.3
í0.75
mA
Note 1: Guaranteed by design but not tested in production
Note 2: VDAC Output is trimmed to compensate for Error Amp input offsets errors
200 OHM
+
-
+
ISINK
IOFFSET
"FAST"
VDAC
-
ISOURCE
ERROR
AMP
VDAC
BUFFER
AMP
IROSC
IROSC IOCSET
ROSC
BUFFER
AMP
CURRENT
SOURCE
GENERATOR
1.2V
+
-
EAOUT
VSETPT
FB
VDAC
OCSET
ROSC
VOSNS-
IR3084
ROSC
RVDAC
CVDAC
200 OHM
SYSTEM
SET POINT
VOLTAGE
Figure 1 – System Set Point Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com