Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 38 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 38 Page - International Rectifier

Back Button IR3084A Datasheet HTML 34Page - International Rectifier IR3084A Datasheet HTML 35Page - International Rectifier IR3084A Datasheet HTML 36Page - International Rectifier IR3084A Datasheet HTML 37Page - International Rectifier IR3084A Datasheet HTML 38Page - International Rectifier IR3084A Datasheet HTML 39Page - International Rectifier IR3084A Datasheet HTML 40Page - International Rectifier IR3084A Datasheet HTML 41Page - International Rectifier IR3084A Datasheet HTML 42Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
IR3084A
Page 38 of 45
10/30/2006
IR3086 PHASE IC COMPONENTS
PWM Ramp Resistor
RRAMP and Capacitor CRAMP
Set the PWM ramp magnitude VPWMRMP to 0.8V. Choose 220pF for the PWM ramp capacitor CPWMRMP and
calculate the resistor RPWMRMP using Equation (18);
)]
V
V
ln(V
)
V
[ln(V
C
f
V
V
R
PWMRMP
DAC
IN
DAC
IN
PWMRMP
SW
IN
O
PWMRMP
−
−
−
−
∗
∗
∗
=
15.8k
0.8)]
1.30
ln(12
1.30)
[ln(12
220*10
400*10
12
1.30
12
3
=
−
−
−
−
∗
∗
∗
=
−
,
Choose a standard resistor value, RPWMRMP=15.8k
Ÿ
Inductor Current Sensing Capacitor
CCS+ and Resistors RCS+ and RCS
Choose CCS+=47nF and calculate RCS+ using Equation (19);
10.0k
10
*
47
)
10
*
/(0.47
10
*
220
C
R
L
R
9
3
9
CS
L
CS
=
=
=
−
−
−
+
+
The bias currents of CSIN+ and CSIN
í are 0.25uA and 0.4uA respectively. Calculate resistor RCS using
Equation (20);
Ω
=
∗
=
∗
=
+
−
k
R
R
CS
CS
2
.
6
10
*
0
.
10
4
.
0
25
.
0
4
.
0
25
.
0
3
,
choose RCS = 6.19k
Ÿ
Over Temperature Setting Resistors
RHOTSET1 and RHOTSET2
Use central over temperature setting and set the temperature threshold at 115 ºC, which corresponds the IC die
temperature of 116 ºC. Calculate the HOTSET threshold voltage corresponding to the temperature thresholds
using Equations (21) and (22);
V
T
V
J
HOTSET
79
.
1
241
.
1
116
10
*
73
.
4
241
.
1
*
10
*
73
.
4
3
3
=
+
∗
=
+
=
−
−
, choose RHOTSET1=20.0k
Ÿ
Ω
=
−
∗
=
−
∗
=
k
V
V
V
R
R
HOTSET
BIAS
HOTSET
HOTSET
HOTSET
14
.
7
79
.
1
8
.
6
79
.
1
10
*
20
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com