Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 12 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier IR3084A Datasheet HTML 10Page - International Rectifier IR3084A Datasheet HTML 11Page - International Rectifier IR3084A Datasheet HTML 12Page - International Rectifier IR3084A Datasheet HTML 13Page - International Rectifier IR3084A Datasheet HTML 14Page - International Rectifier IR3084A Datasheet HTML 15Page - International Rectifier IR3084A Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
IR3084A
Page 12 of 45
10/30/2006
IR3084A THEORY OF OPERATION
Block Diagram
1.1V
SET VR10 DAC
VID7
+
-
EAOUT
BIAS
REGULATOR
ERROR AMP
+
-
+
-
+
-
SS DISCHARGE
COMPARATOR
IREGSET
+
-
DISABLE
START
LATCH
R
S
FAULT
STARTUP
NO CPU LATCHED
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
3.1V
6.9V
+
-
VID SAMPLE
DELAY COMPARATOR
+
-
R
VID4
VOSNS-
NO CPU
FAULT
LATCH
IROSC
S
VID0
VID1
VID2
VIDSEL
VID3
VDAC
VID FAULT CODE
+
-
1.3V
VDRP
AMP
+
ICHG
70uA
50%
DUTY
CYCLE
4.8V
VCHG
3.85V
I_OC_DISCHG
40uA
R
850mV
1.3us
BLANKING
9.9V
FAULT
LATCH
VID6
VID5
100mV
ROSC
BUFFER
AMP
80mV
ISINK
OC
COMPARATOR
0.9V
CURRENT
SOURCE
GENERATOR
IOCSET
RAMP GENERATOR
DIGITAL TO
ANALOG
CONVERTER
750mV
IOFFSET
VID INPUT
COMPARATORS
(1 of 8 shown)
0.6V
VCC UVLO
COMPARATOR
IDISCHG
6.5uA
"FAST" VDAC
VBIAS
REGULATOR
IVOSNS-
1.3mA
-
12.5K
ON
ISOURCE
100k
ENABLE
COMPARATOR
OC DELAY
COMPARATOR
S
SOFTSTART
CLAMP
VSETPT
0.215V
ERROR
AMP
OFF
9.1V
1.24V
ON
VDAC
BUFFER
AMP
12.5K
ENABLE 1.1V BOOT
SS/DEL
REGDRV
REGFB
REGSET
EAOUT
FB
SS/DEL DISCHARGE
OVER CURRENT
VCC
IROSC
IROSC
VBIAS
IROSC
250ns
BLANKING
+
-
+
-
+
-
1.25V
IIN
OCSET
ENABLE
+
-
LGND
SS/DEL
ROSC
VCC
VRRDY
RMPOUT
VDRP
VBIAS
IROSC
UVLO
+
-
+
-
STARTUP
1.1V
SET VID = 1.1V BOOT
R
IIN
PRECONDITION
LATCH
S
0.6V
NO CPU
0.35V
SET VR11 DAC
+
-
3.5V
7.5V
0.62V
DISABLE
1.1V
Figure 7 – IR3084A Block Diagram
VID Control
An 8
íbit VID voltage compatible with VR 10 (see Table 1) and VR11 (see Table 2) is available at the VDAC pin.
The VIDSEL pin configures the DAC for VR10 if grounded or connected to VCC (12V) and for VR11 if floated or
connected to VBIAS (6.9V). The VIDSEL pin is internally pulled
íup to 1.25V through a 12.5Kohm resistor. The
VID pins require an external bias voltage and should not be floated. The VID input comparators, with 0.6V
threshold, monitor the VID pins and control the 8 bit Digital
ítoíAnalog Converter (DAC) whose output is sent to
the VDAC buffer amplifier. The output of the buffer amp is the VDAC pin. The VDAC voltage is post-package
trimmed to compensate for the input offsets of the Error Amp to provide a 0.5% system accuracy. The actual
VDAC voltage does not represent the system set point and has a wider tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com