Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 7 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3084A Datasheet HTML 3Page - International Rectifier IR3084A Datasheet HTML 4Page - International Rectifier IR3084A Datasheet HTML 5Page - International Rectifier IR3084A Datasheet HTML 6Page - International Rectifier IR3084A Datasheet HTML 7Page - International Rectifier IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier IR3084A Datasheet HTML 10Page - International Rectifier IR3084A Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
IR3084A
Page 7 of 45
10/30/2006
SYSTEM THEORY OF OPERATION
XPhaseTM Architecture
The XPhaseTM architecture is designed for multiphase interleaved buck converters which are used in
applications requiring small size, design flexibility, low voltage, high current and fast transient response. The
architecture can be used in any multiphase converter ranging from 1 to 16 or more phases where flexibility
facilitates the design trade
íoff of multiphase converters. The scalable architecture can be applied to other
applications which require high current or multiple output voltages.
As shown in Figure 2, the XPhaseTM architecture consists of a Control IC and a scalable array of phase
converters each using a single Phase IC. The Control IC communicates with the Phase ICs through a 5
íwire
analog bus, i.e. bias voltage, phase timing, average current, error amplifier output, and VID voltage. The Control
IC incorporates all the system functions, i.e. VID, PWM ramp oscillator, error amplifier, bias voltage, and fault
protections etc. The Phase IC implements the functions required by the converter of each phase, i.e. the gate
drivers, PWM comparator and latch, over
ívoltage protection, and current sensing and sharing.
There is no unused or redundant silicon with the XPhaseTM architecture compared to others such as a 4 phase
controller that can be configured for 2, 3, or 4 phase operation. PCB Layout is easier since the 5 wire bus
eliminates the need for point
ítoípoint wiring between the Control IC and each Phase. The critical gate drive and
current sense connections are short and local to the Phase ICs. This improves the PCB layout by lowering the
parasitic inductance of the gate drive circuits and reducing the noise of the current sense signal.
VR FAN
VID3
ADDITIONAL PHASES
INPUT/OUTPUT
CONTROL BUS
COUT
>> VID VOLTAGE
VID0
VID1
VID2
VOUT SENSE+
VR HOT
VR READY
IR3084
CONTROL
IC
>> PWM CONTROL
>> PHASE TIMING
>> BIAS VOLTAGE
<< CURRENT SENSE
RCS
CCS
CIN
RCS
CCS
VID6
VID5
VIDSEL
VID7
VID4
VOUT-
VOUT SENSE-
12V
VOUT+
ENABLE
IR3086
PHASE
IC
PHASE FAULT
IR3086
PHASE
IC
CURRENT SHARE
CURRENT SHARE
PHASE FAULT
PHASE FAULT
Figure 2 – System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com