Electronic Components Datasheet Search
  English  ▼

X  

IR3084A Datasheet(PDF) 8 Page - International Rectifier

Part # IR3084A
Description  XPHASE TM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084A Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3084A Datasheet HTML 4Page - International Rectifier IR3084A Datasheet HTML 5Page - International Rectifier IR3084A Datasheet HTML 6Page - International Rectifier IR3084A Datasheet HTML 7Page - International Rectifier IR3084A Datasheet HTML 8Page - International Rectifier IR3084A Datasheet HTML 9Page - International Rectifier IR3084A Datasheet HTML 10Page - International Rectifier IR3084A Datasheet HTML 11Page - International Rectifier IR3084A Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
IR3084A
Page 8 of 45
10/30/2006
PWM Control Method
The PWM block diagram of the XPhaseTM architecture is shown in Figure 3. Feed
íforward voltage mode control
with trailing edge modulation is used. A high
ígain wideíbandwidth voltage type error amplifier in the Control IC is
used for the voltage control loop. An external RC circuit connected to the input voltage and ground is used to
program the slope of the PWM ramp and to provide the feed
íforward control at each phase. The PWM ramp
slope will change with the input voltage and automatically compensate for changes in the input voltage. The input
voltage can change due to variations in the silver box output voltage or due to drops in the PCB related to
changes in load current.
200 OHM
VSETPT
RVSETPT
RCS
PWM
COMPARATOR
GND
VOUT
RVFB
SYSTEM
REFERENCE
VOLTAGE
VBIAS
+
-
VBIAS
REGULATOR
VDAC
BIASIN
PWMRMP
CLOCK
PULSE
GENERATOR
DACIN
RAMP
DISCHARGE
CLAMP
ENABLE
VOSNS+
RAMPIN+
VOSNS-
RAMPIN-
ISHARE
VOSNS-
RDRP
VDRP
IIN
SCOMP
O% DUTY
CYCLE
COMPARATOR
VDRP
AMP
VDAC
IOFFSET
+
-
GATEH
CSIN+
GATEL
EAIN
CSIN-
VPEAK
50%
DUTY
CYCLE
RAMP GENERATOR
VVALLEY
RMPOUT
RRAMP1
RRAMP2
CURRENT
SENSE
AMP
RESET
DOMINANT
PWM
LATCH
S
SHARE
ADJUST
ERROR
AMP
X34
R
ERROR
AMP
RAMP
SLOPE
ADJUST
IROSC
EAOUT
X
0.91
FB
CONTROL IC
COUT
20mV
+
-
10K
+
-
+
-
10K
RRAMP1
CCS RCS
RRAMP2
BIASIN
RAMPIN-
EAIN
ISHARE
PWMRMP
SCOMP
RAMPIN+
CSIN+
GATEH
DACIN
CSIN-
GATEL
VIN
PHASE IC
PHASE IC
PWM
LATCH
CURRENT
SENSE
AMP
SHARE
ADJUST
ERROR
AMP
X34
RESET
DOMINANT
S
R
CLOCK
PULSE
GENERATOR
20mV
PWM
COMPARATOR
ENABLE
RAMP
SLOPE
ADJUST
RAMP
DISCHARGE
CLAMP
SYSTEM
REFERENCE
VOLTAGE
O% DUTY
CYCLE
COMPARATOR
X
0.91
CCS
CSCOMP
CPWMRMP
RPWMRMP
CSCOMP
CPWMRMP
RPWMRMP
Figure 3 – IR3084A PWM Block Diagram
Frequency and Phase Timing Control
The oscillator is located in the Control IC and its frequency is programmable from 150kHz to 1MHZ by an external
resistor. The output of the oscillator is a 50% duty cycle triangle waveform with peak and valley voltages of
approximately 4.8V and 0.9V. This signal is used to program both the switching frequency and phase timing of
the Phase ICs. The Phase IC is programmed by resistor divider RRAMP1 and RRAMP2 connected between the
VBIAS reference voltage and the Phase IC LGND pin. A comparator in the Phase ICs detects the crossing of the
oscillator waveform with the voltage generated by the resistor divider and triggers a clock pulse that starts the
PWM cycle. The peak and valley voltages track the VBIAS voltage reducing potential Phase IC timing errors.
Figure 4 shows the Phase timing for an 8 phase converter. Note that both slopes of the triangle waveform can be
used for synchronization by swapping the RAMP + and – pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com