Electronic Components Datasheet Search
  English  ▼

X  

P83C524IFA Datasheet(PDF) 43 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 39Page - NXP Semiconductors P83C524IFA Datasheet HTML 40Page - NXP Semiconductors P83C524IFA Datasheet HTML 41Page - NXP Semiconductors P83C524IFA Datasheet HTML 42Page - NXP Semiconductors P83C524IFA Datasheet HTML 43Page - NXP Semiconductors P83C524IFA Datasheet HTML 44Page - NXP Semiconductors P83C524IFA Datasheet HTML 45Page - NXP Semiconductors P83C524IFA Datasheet HTML 46Page - NXP Semiconductors P83C524IFA Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
1997 Dec 15
43
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
15.4
Wake-up from Power-down Mode
The Power-down mode of the P83C528 can also be
terminated by any one of the two external interrupts, IE0 or
IE1. A termination with an external interrupt does not affect
the internal data memory and does not affect the Special
Function Registers (SFRs). This gives the possibility to
exit Power-down without changing the port output levels.
To terminate the Power-down mode with an external
interrupt, IE0 or IE1 must be switched to be level-sensitive
and must be enabled. The external interrupt input signal
INT0 and INT1 must be kept LOW till the oscillator has
restarted and stabilized (see Fig.21).
In order to prevent any interrupt priority problems during
wake-up, the priority of the desired wake-up interrupt
should be higher than the priorities of all other enabled
interrupt sources. The instruction following the one that put
the device into the Power-down mode will be the first one
which will be executed after an interrupt has been
serviced.
Table 29 Internal registers status after a RESET
REGISTER
CONTENTS
ACC
00H
B
00H
DPH, DPL
00H
IE
0000 0000B
IP
X000 0000B
PCH, PCL
00H
PCON
0XXX 0000B
PSW
00H
P0 to P3
FFH
SBUF
Indeterminate
SCON
00H
SP
07H
TCON
00H
TMOD
00H
TH0, TL0
00H
TH1, TL1
00H
T2CON
00H
TH2, TL2
00H
RCAP2H, RCAP2L
00H
S1BIT
X000 0000B
S1INT
0XXX XXXXB
S1SCS
XXX0 0000B
T3
00H
WDCON
A5H
Fig.21 Wake up by external interrupt input.
MBC508 - 1
oscillator stopped
oscillator start up
min. 20 ms
power down
internal timing stopped
C1
C1
C1
C2
IDLE MODE
LCALL
interrupt routine
set external
interrupt latch
INT0 / INT1
INT1 1 cycle
INT0 2 cycles
interrupts are polled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com