Electronic Components Datasheet Search
  English  ▼

X  

P83C524IFA Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 32Page - NXP Semiconductors P83C524IFA Datasheet HTML 33Page - NXP Semiconductors P83C524IFA Datasheet HTML 34Page - NXP Semiconductors P83C524IFA Datasheet HTML 35Page - NXP Semiconductors P83C524IFA Datasheet HTML 36Page - NXP Semiconductors P83C524IFA Datasheet HTML 37Page - NXP Semiconductors P83C524IFA Datasheet HTML 38Page - NXP Semiconductors P83C524IFA Datasheet HTML 39Page - NXP Semiconductors P83C524IFA Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
1997 Dec 15
36
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
Table 20 Description of the S1SCS bits
BIT
SYMBOL
FUNCTION
7
SDO/SDI
Serial Data Output and the filtered Serial Data Input. SDI data is latched on the rising
edge of the filtered serial clock. S1SCS.7 accesses the same memory locations as
S1BIT.7. Access of the data bit via S1SCS will not start an auto-clock pulse.
6
SCO/SCI
Serial Clock Output and the filtered Serial Clock Input. Serial clock output SCO is
'OR-ed' with the auto-clock. If SCO = 1 the auto-clock output is inhibited. The internal
clock stretching logic and external devices can pull the SCL line LOW. If the auto-clock
is not used, the SCL line has to be controlled by setting SCO = 1, waiting for CLH = 1
and setting SCO = 0 after the specified SCL HIGH time. (Because of the input filter,
CLH will be set at least 8 XTAL clock periods after the SCL LOW-to-HIGH transition.)
5
CLH
Serial Clock LOW-to-HIGH transition flag: set with a rising edge of the filtered serial
clock. CLH = 1 indicates that, since the last CLH reset, a new valid data bit has been
latched in SDI. CLH can be reset by writing a 0 to S1SCS.5 or by a read/write of S1BIT.
Clearing CLH also clears RBF and WBF.
4BB
Bus Busy flag: indicating that there has been a START condition that was not yet
followed by a STOP condition.
3
RBF
Read Bit Finished flag: indicating a successful bit read.
RBF = 1 implies the following conditions:
CLH = 1: SCL had a rising edge
SCI = 0: the SCL pulse has finished
SI = 0: no START condition occurred
BB = 1: no STOP condition occurred
The RBF flag can be cleared by clearing the CLH flag.
2
WBF
Write Bit Finished flag: indicating a successful bit write. The same conditions as for
RBF are true and also no 'arbitration loss' condition occurred. Arbitration is lost if a
1 data bit in SDO was over-ruled on SDA by an external device. The WBF flag can be
cleared by clearing the CLH flag.
1
STR
STRetch control flag. STR = 1 enables stretching of all SCL LOW periods. This allows
the processor in I2C slave mode to react on a fast master. The STR flag remains set
until cleared by writing a 0 to S1SCS.1.
The STretch (ST) flag (not readable) pulls the serial clock LOW while ST = 1. The ST
flag is set on the falling edge of the filtered serial clock if STR = 1. It is also set after
reception of a START condition, regardless of the STR contents. ST is cleared with a
read or write of S1BIT.
0
ENS
ENable Serial I/O flag. ENS = 1 enables the START detection and clock stretching
logic. ENS = 0 can be used to switch off the I2C-bus hardware. Note that the SDO and
SCO control flags must be set to 1 before ENS is set to avoid pulling SCL or SDA lines
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com