Electronic Components Datasheet Search
  English  ▼

X  

P83C524IFA Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 54Page - NXP Semiconductors P83C524IFA Datasheet HTML 55Page - NXP Semiconductors P83C524IFA Datasheet HTML 56Page - NXP Semiconductors P83C524IFA Datasheet HTML 57Page - NXP Semiconductors P83C524IFA Datasheet HTML 58Page - NXP Semiconductors P83C524IFA Datasheet HTML 59Page - NXP Semiconductors P83C524IFA Datasheet HTML 60Page - NXP Semiconductors P83C524IFA Datasheet HTML 61Page - NXP Semiconductors P83C524IFA Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
1997 Dec 15
58
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
22 I2C CHARACTERISTICS (BIT-LEVEL)
Notes
1. At fCLK = 3.5 MHz, this evaluates to 14 × 286 ns = 4 µs, i.e. the bit-level I2C interface can respond to the I2C protocol
for fCLK ≥3.5 MHz.
2. This parameter is determined by the user software, it has to comply with the I2C specification.
3. This value gives the auto-clock pulse length which meets the I2C specification for the specified XTAL1 clock
frequency range. Alternatively, the SCL pulse may be timed by software.
4. Spikes on SDA and SCL lines with a duration of less than 4
× fCLK will be filtered out.
5. The RISE time is determined by the external bus line capacitance and pull-up resistor, it must be
≤1 µs.
6. The maximum capacitance on bus lines SDA and SCL is 400 pF.
SYMBOL
PARAMETER
INPUT
OUTPUT
I2C SPEC
UNIT
SCL timing
tHD;STA
START condition hold time
≥ 14 tCK; note 1
note 2
≥ 4.0
µs
tLOW
SCL LOW time
≥ 16 tCK
note 2
≥ 4.7
µs
tHIGH
SCL HIGH time
≥ 14 tCK; note 1
≥ 80 tCK; note 3
≥ 4.0
µs
tRC
SCL RISE time
≤ 1; note 4
note 5
≤ 1.0
µs
tFC
SCL FALL time
≤ 0.3; note 4
≤ 0.3; note 6
≤ 0.3
µs
SDA timing
tSU;DAT
data set-up time
≥ 250 ns
note 2
≥ 250
ns
tHD;DAT
data hold time
≥ 0 ns
note 2
≥ 0ns
tSU;STA
repeated START set-up time
≥ 14 tCK; note 1
note 2
≥ 4.7
µs
tSU;STO
STOP condition set
−up time
≥ 14 tCK; note 1
note 2
≥ 4.0
µs
tBUF
bus free time
≥ 14 tCK; note 1
note 2
≥ 4.7
µs
tRD
SDA RISE time
≤ 1; note 4
note 5
≤ 1.0
µs
tFD
SDA FALL time
≤ 300 ns; note 4
≤ 0.3; note 6
≤ 0.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com