Electronic Components Datasheet Search
  English  ▼

X  

P83C524IFA Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 16Page - NXP Semiconductors P83C524IFA Datasheet HTML 17Page - NXP Semiconductors P83C524IFA Datasheet HTML 18Page - NXP Semiconductors P83C524IFA Datasheet HTML 19Page - NXP Semiconductors P83C524IFA Datasheet HTML 20Page - NXP Semiconductors P83C524IFA Datasheet HTML 21Page - NXP Semiconductors P83C524IFA Datasheet HTML 22Page - NXP Semiconductors P83C524IFA Datasheet HTML 23Page - NXP Semiconductors P83C524IFA Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
1997 Dec 15
20
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
Fig.12 Special Function Register (SFR) memory map.
handbook, full pagewidth
MBC465 - 1
F7
F6
F5
F4
F3
F2
F1
F0
F0H
B
E0H
ACC
E7
E6
E5
E4
E3
E2
E1
E0
DAH
S1INT
D9H
S1BIT
SDI/
SDO
DF
SCI/
SCO
DE
CLH
DO
BB
DC
RBF
DB
WBF
DA
STR
D9
ENS
D8
D8H
S1SCS
FFH
T3
CY
D7
AC
D6
FO
D5
RSI
D4
RSO
D3
OV
D2
FI
D1
P
D0
D0H
PSW
CDH
TH2
CCH
TL2
CBH
RCAP2H
CAH
RCAP2L
TF2
CF
EXF2
CE
RCLK
CD
TCLK
CC
EXEN2
CB
TR2
CA
C8H
T2CON
- - -
BF
PS1
BE
PT2
BD
PS
BC
PT1
BB
PX1
BA
PT0
B9
PX0
B8
B8H
IP
B0H
P3
EA
AF
ES1
AE
ET2
AD
ES
AC
ET1
AB
EX1
AA
ET0
A9
EX0
A8
A8H
IE
B7
B6
B5
B4
B3
B2
B1
B0
CP/RL2
C8
C/T2
C9
A0H
P2
A7
A6
A5
A4
A3
A2
A1
A0
A5H
WDCON
99H
SBUF
SM0
9F
SM1
9E
SM2
9D
REN
9C
TB8
9B
RB8
9A
TI
99
RI
98
98H
SCON
90H
P1
97
96
95
94
93
92
91
90
8DH
TH1
TF1
8F
TR1
8E
TF0
8D
TR0
8C
IE1
8B
IT1
8A
IE0
89
IT0
88
88H
TCON
8CH
TH0
8BH
TL1
8AH
TL0
89H
TMOD
87H
PCON
80H
P0
87
86
85
84
83
82
81
80
81H
82H
83H
DPH
DPL
SP
REGISTER
MNEMONIC
BIT MNEMONIC /
BIT ADDRESS (HEX)
DIRECT BYTE
ADDRESS (HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com