Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CPS41D Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ceraliquid CPS41D and CPS41
4
Endress+Hauser
Safety
Maximum process safety
With inductive transmission of the measured value using a non-contact connection, Memosens
guarantees maximum process safety and offers the following benefits:
• All problems caused by moisture are eliminated:
– Plug-in connection free from corrosion
– Measured values cannot be distorted by moisture.
– Can even be connected under water
• The transmitter is galvanically decoupled from the medium. Issues concerning "symmetrical high-
impedance" or "asymmetry" or an impedance converter are a thing of the past.
• EMC safety is guaranteed by screening measures for the digital transmission of measured values.
• Intrinsically safe electronics mean operation in hazardous areas is not a problem.
Input
Measured values
pH value
Temperature
Measuring range
Electrode version AB and AC (for water / wastewater):
pH:
1 to 12
Temperature:
-15 to 80 °C (5 to 176 °F)
Electrode version BB and BC (for process, suitable for sterilization):
pH:
0 to 14
Temperature:
0 to 135 °C (32 to 275 °F)
Please note the process operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com