Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CPS41D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ceraliquid CPS41D and CPS41
6
Endress+Hauser
Environment
Ambient temperature range
NOTICE
Risk of damage due to frost
‣ The sensor must not be used at temperatures below –15 °C (5 °F) .
Storage temperature
0 to 50 °C (32 to 122 °F)
Degree of protection
IP 68: Memosens plug-in head, (10 m (33 ft) water column, 25 °C (77 °F), 45 days, 1 M KCl)
IP 68: TOP68 plug-in head (1 m (3.28 ft) water column, 50 °C (122 °F), 168 h)
IP 67: GSA and SSA plug-in head (with closed connector system)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com