Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 12Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 13Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 14Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 15Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 16Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ceraliquid CPS41D and CPS41
Endress+Hauser
13
Accessories
The following are the most important accessories available at the time this documentation was
issued. For accessories not listed here, please contact your service or sales office.
Assemblies
Cleanfit CPA871
• Flexible process retractable assembly for water, wastewater and the chemical industry
• For applications with standard 12mm sensors
• Product Configurator on the product page: www.endress.com/cpa871
Technical Information TI01191C
Cleanfit CPA875
• Retractable process assembly for sterile and hygienic applications
• For in-line measurement with standard 12 mm sensors for parameters such as pH, ORP and
oxygen
• Product Configurator on the product page: www.endress.com/cpa875
Technical Information TI01168C
Cleanfit CPA472D
• Robust retractable assembly for pH, ORP and other industrial sensors
• Heavy-duty version made of durable materials
• For manual or pneumatic, remote-controlled operation
• Product Configurator on the product page: www.endress.com/cpa472d
Technical Information TI00403C
Cleanfit CPA473
• Stainless steel process retractable assembly with ball valve shutoff for particularly reliable
separation of the medium from the environment
• Product Configurator on the product page: www.endress.com/cpa473
Technical Information TI00344C
Cleanfit CPA474
• Plastic process retractable assembly with ball valve shutoff for particularly reliable separation of
the medium from the environment
• Product Configurator on the product page: www.endress.com/cpa474
Technical Information TI00345C
Unifit CPA442
• Installation assembly for food, biotechnology and pharmaceutics
• With EHEDG and 3A certificate
• Product Configurator on the product page: www.endress.com/cpa442
Technical Information TI00306C
Dipfit CPA111
• Immersion and installation assembly made of plastic for open and closed vessels
• Product Configurator on the product page: www.endress.com/cpa111
Technical Information TI00112C
Dipfit CPA140
• pH/ORP immersion assembly with flange connection for very demanding processes
• Product Configurator on the product page: www.endress.com/cpa140
Technical Information TI00178C
Flowfit CPA240
• pH/ORP flow assembly for processes with stringent requirements
• Product Configurator on the product page: www.endress.com/cpa240
Technical Information TI00179C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com