Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 14 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 14 Page - Endress+Hauser Group Services AG

Back Button CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 12Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 13Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 14Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 15Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 16Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ceraliquid CPS41D and CPS41
14
Endress+Hauser
Flowfit CPA250
• Flow assembly for pH/ORP measurement
• Product Configurator on the product page: www.endress.com/cpa250
Technical Information TI00041C
Ecofit CPA640
• Set comprising adapter for 120 mm pH/ORP electrodes and sensor cable with TOP68 coupling
• Product Configurator on the product page: www.endress.com/cpa640
Technical Information TI00246C
Electrolyte vessel
Electrolyte vessel CPY7
• Storage container for KCl electrolyte, 150 ml
• Order as per product structure, see Operating Instructions (BA00128C/07/EN)
Electrolyte solutions
KCl electrolyte solutions for topping up liquid-filled pH/ORP electrodes
• 3.0 mol, T = -10 to 100 °C (14 to 212 °F), 1000 ml (33.81 fl.oz), order no. CPY4-2
• 1.5 mol, T = -30 to 130 °C (-22 to 266 °F), 1000 ml (33.81 fl.oz), order no. CPY4-4
• 3.0 mol, T = -10 to 100 °C (14 to 212 °F), 250 ml (8.45 fl.oz), order no. CPY4-5
• 1.5 mol, T = -30 to 130 °C (-22 to 266 °F), 250 ml (8.45 fl.oz), order no. CPY4-6
Buffer solutions
High-quality buffer solutions from Endress+Hauser - CPY20
The secondary buffer solutions have been referenced to primary reference material of the PTB
(German Federal Physico-technical Institute) or to standard reference material of NIST (National
Institute of Standards and Technology) according to DIN 19266 by a laboratory accredited by the
DAkkS (German accreditation body) according to DIN 17025.
Product Configurator on the product page: www.endress.com/cpy20
Measuring cable
CYK10 Memosens data cable
• For digital sensors with Memosens technology
• Product Configurator on the product page: www.endress.com/cyk10
Technical Information TI00118C
Memosens laboratory cable CYK20
• For digital sensors with Memosens technology
• Product Configurator on the product page: www.endress.com/cyk20
CPK1
For pH/ORP electrodes with GSA plug-in head
Ordering information is available from your sales office or at www.endress.com.
CPK9
• Terminated measuring cable for connecting analog sensors with TOP68 plug-in head
• Selection in accordance with product structure
For more information and to order, please contact your sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com