Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CPS41D Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ceraliquid CPS41D and CPS41
Endress+Hauser
5
Installation
Installation instructions
Do not install the electrodes upside down. The angle of inclination must be at least 15° from the
horizontal. A smaller inclination angle is not permitted as it could cause an air bubble to form in the
glass sphere and prevent the inner electrolyte from completely wetting the pH diaphragm.
NOTICE
Before screwing in the electrode, make sure the threaded connection of the assembly is clean
and runs smoothly.
‣ Screw in the electrode finger-tight (3 Nm)! (Data apply only if installing with Endress+Hauser
assemblies.)
‣ Make sure to follow the installation instructions in the Operating Instructions of the used
assembly.
15°
15°
A
B
A0024316
 2
Electrode installation; installation angle at least 15° from the horizontal
A
Permitted orientation
B
Forbidden orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com