Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CPS41D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 12Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 13Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 14Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ceraliquid CPS41D and CPS41
Endress+Hauser
11
Plug-in heads
CPS41D-****A*:
Memosens plug-in head for digital, non-contact data transmission, pressure
resistance 16 bar (232 psi) rel.
CPS41D-****B*:
Memosens plug-in head with KCl hose connection for digital, non-contact data
transmission, pressure resistance 16 bar (232 psi) rel.
CPS41
ESA:
Threaded plug-in head Pg 13.5, TOP68 for electrodes with and without
temperature sensor, pressure resistance 16 bar (232 psi) rel.
ESS:
Hose connection head Pg 13.5, TOP68 for electrodes with and without
temperature sensor, pressure resistance 16 bar (232 psi) rel., Ex
GSA:
Threaded plug-in head Pg 13, for electrodes without temperature sensor
SSA:
Hose connection head Pg 13.5 for electrodes without temperature sensor
Reference system
Ag/AgCl reference lead, bridge electrolyte: liquid KCl, 3M, AgCl-free
Certificates and approvals
Ex approval for CPS41D
ATEX
II 1G Ex ia IIC T3/T4/T6 Ga
IECEx
Ex ia IIC T3/T4/T6 Ga
FM
IS Class I Div. 2, in conjunction with the Liquiline M CM42 and Mycom S CPM153 transmitters
CSA
IS Class I Div. 2, in conjunction with the Liquiline M CM42 and Mycom S CPM153 transmitters
Hazardous area versions of digital sensors with Memosens technology are indicated by a red-
orange ring on the plug-in head.
Ex approval CPS41 (ESA,
ESS)
ATEX
II 1G Ex ia IIC T3/T4/T6 Ga
CSA
IS Class I Div. 2, in conjunction with the Mycom S CPM153 transmitter
FM
Class I Div. 2, in conjunction with the Mycom S CPM153 transmitter
TÜV certificate for
Memosens plug-in head
Pressure resistance 16 bar rel. (232 psi), minimum three times the safety pressure
TÜV certificate for TOP68
plug-in head
Pressure resistance 16 bar rel. (232 psi), minimum three times the safety pressure
Electromagnetic
compatibility CPS41D
Interference emission and interference immunity as per EN 61326: 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com