Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CPS41D Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ceraliquid CPS41D and CPS41
Endress+Hauser
3
Communication and data processing CPS41D
Communication with the transmitter
Always connect digital sensors with Memosens technology to a transmitter with Memosens
technology. Data transmission to a transmitter for analog sensors is not possible.
Digital sensors can store measuring system data in the sensor. These include the following:
• Manufacturer data
– Serial number
– Order code
– Date of manufacture
• Calibration data
– Calibration date
– Slope at 25 °C (77 °F)
– Zero point at 25 °C (77 °F)
– Number of calibrations
– Serial number of the transmitter used to perform the last calibration
• Operating data
– Temperature application range
– pH application range
– Date of initial commissioning
– Maximum temperature value
– Hours of operation under extreme conditions
– Number of sterilizations
– Resistance of glass membrane
You can display the above-mentioned data using the Liquiline CM44x, CM42 and Memobase Plus
CYZ71D.
Dependability
Reliability
Easy handling
Sensors with Memosens technology have an integrated electronics unit that stores calibration data
and other information (e.g. total operating hours and operating hours under extreme measuring
conditions). Once the sensor has been connected, the sensor data are transferred automatically to
the transmitter and used to calculate the current measured value. As the calibration data are stored
in the sensor, the sensor can be calibrated and adjusted independently of the measuring point. The
result:
• Easy calibration in the measuring lab under optimum external conditions increases the quality of
the calibration.
• Pre-calibrated sensors can be replaced quickly and easily, resulting in a dramatic increase in the
availability of the measuring point .
• Maintenance intervals can be defined based on all stored sensor load and calibration data and
predictive maintenance is possible.
• The sensor history can be documented on external data carriers and in evaluation programs, e.g.
Memobase Plus CYZ71D. Thus, the current application of the sensors can be made to depend on
their previous history.
Integrity
Data security thanks to digital data transmission
Memosens technology digitizes the measured values in the sensor and transmits the data to the
transmitter using a non-contact connection that is free from potential interference. The result:
• Automatic error message if sensor fails or connection between sensor and transmitter is
interrupted
• Immediate error detection increases measuring point availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com