Electronic Components Datasheet Search
  English  ▼

X  

CPS41D Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CPS41D
Description  pH electrodes, digital with Memosens technology, and analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS41D Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CPS41D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS41D Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ceraliquid CPS41D and CPS41
Endress+Hauser
7
Process
Process temperature
Version AB, AC:
-15 to 80 °C (5 to 176 °F)
Version BB, BC:
0 to 135 °C (32 to 275 °F)
Process pressure (absolute)
1 to 11 bar (15 to 160 psi) if counterpressure applied via separate KCl vessel
LCAUTION
Pressurization of sensor due to prolonged use under increased process pressure
Risk of injury from glass breakage
‣ Avoid excessive heating of such sensors if using them under reduced process pressure or under
atmospheric pressure.
‣ When handling such sensors, wear protective goggles and suitable gloves.
Minimum conductivity
AB, BB version
(1 diaphragm)
Min. 5 μS/cm (flow reduced to minimum when KCl electrolyte is
discharged)
AC, BC version
(3 diaphragms)
Min. 0.1 μS/cm (flow assembly made of stainless steel with
grounding; flow is stable and reduced to minimum when KCl
electrolyte is discharged)
pH range
Version AB, AC:
1 to 12 pH
Version BB, BC:
0 to 14 pH
NOTICE
Risk of damage to electrode
‣ Never use the electrode outside of the listed specifications!
KCl consumption
1
2
3
B
A
0
20
40
60
80
100
0
4
8
12
16
32
68
104
140
176
212
C
A0028481
 3
KCl consumption as a function of temperature
A
Consumption (ml/day)
B
Temperature (°C)
C
Temperature (°F)
1
800 mbar (11.6 psi) over pressure
2
400 mbar (5.8 psi) over pressure
3
100 mbar (1.5 psi) over pressure
1
2
3
A
B
0
4
8
12
16
200
100
600
800
1000
1.5 2.9
5.8
8.7
11.6
14.5
C
400
A0028482
 4
KCl consumption as a function of process
pressure
A
Consumption (ml/day)
B
Over pressure relative to process (mbar)
C
Over pressure relative to process (psi)
1
Fluid temperature 80 °C (176 °F)
2
Fluid temperature 50 ° C (122 °F)
3
Fluid temperature 20 ° C (68 °F)
The specified, approximated KCl consumption is based on electrodes with a single diaphragm.
For electrodes with three diaphragms, KCl consumption is proportionately higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com