Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CLS52 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Indumax CLS52
Endress+Hauser
5
Installation
Orientation
The sensor must be completely immersed in the medium. Avoid air bubbles in the area of the sensor.
A0017691
 3
Installation positions of the conductivity sensor
If the flow direction changes (after pipe bends), turbulence in the medium can result. Install the
sensor at a distance of at least 1 m (3.3 ft) downstream from a pipe bend.
The medium must flow through the conical measuring channel in the direction indicated.
1
a
c
2
b
c
b
A0028424
 4
Installation of CLS52 in pipes with horizontal flow (center) and vertical flow (right)
a
Sensor distance from wall
b
Indicator arrow for flow direction
c
Direction of flow
1
Welding socket
2
Pipe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com