Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Indumax CLS52
Endress+Hauser
9
Materials
Sensor:
PEEK-GF20
Varivent flange:
Flange:
Stainless steel 1.4435 (AISI 316L)
Seal:
EPDM
Metal temperature sensor socket:
Socket:
Stainless steel 1.4435 (AISI 316L)
Seal:
Chemraz
Process connections
A
B
C
D
84 (3.31)
84 (3.31)
84 (3.31)
64
(2.52)
92 (3.62)
A0028358
 9
Process connections for CLS52, dimensions in mm(inch)
A
Sanitary connection DN 50 (DIN 11851)
B
SMS 2"
C
Clamp 2" (ISO 2852)
D
Varivent N DN 40 to DN 125
Clamp connection
Both sheet-metal brackets and solid brackets can be used to secure the sensor. Sheet-metal
brackets have a lower dimensional stability, uneven bearing surfaces causing point loads, and
sometimes sharp edges that can damage the clamp.
We urgently recommend you only use solid brackets due to their higher dimensional stability.
Solid brackets can be used over the entire specified pressure/temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com