Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLS52 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Indumax CLS52
Endress+Hauser
3
Measuring system
A complete measuring system consists of the following components at least:
• The CLS52 inductive conductivity sensor
• A transmitter, e.g. Liquiline CM42
1
2
3
A0028357
 1
Example of a measuring system
1
Indumax CLS52
2
Liquiline CM42 transmitter
3
Fixed cable (on the sensor)
Input
Measured values
• Conductivity
• Temperature
Measuring ranges
Conductivity
Recommended range: 100 μS/cm to 2000 mS/cm
(uncompensated)
Temperature
-5 to +140 °C (+23 to 284 °F)
Cell constant
k = 5.9 cm–1
Temperature measurement
Pt 100 (Class A according to IEC 60751)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com