Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  CLS52 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Application
The CLS52 conductivity sensors are intended specifically for use in the food industry.
They are injection-molded and made from high-resistance PEEK, thereby meeting
the strict hygienic requirements of the food industry.
• Concentration control in the remaking of acids and alkalis
• Phase separation of product/water and product/product mixtures in pipe systems
• Monitoring and control of bottle cleaning systems
• Product monitoring in breweries, dairies and the beverage industry
• Control and monitoring of CIP systems
• Use with Liquiline CM42 and Liquisys CLM223/253 transmitters; part of the
Smartec CLD132 measuring system
Your benefits
• Insensitive to electrode contamination and polarization thanks to inductive
measuring principle
• Food-safe and hygienic thanks to design without joints or crevices
• Hydrodynamic sensor design for low flow resistance
• Maintenance-free due to non-contact measurement
• Very short temperature response time (t90<5s)
• Easy installation directly in-line using standardized process connections common
in the food industry
Products
Solutions
Services
Technical Information
Indumax CLS52
Inductive conductivity sensor with fast
temperature measurement and hygienic design
TI00167C/07/EN/13.16
71313408


Similar Part No. - CLS52

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CLS5012 CANOPUS-CLS5012 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Clarke International
CLS505 CLARKE-CLS505 Datasheet
5Mb / 24P
505MM CIRCULAR LOG SAW
DL1221 - ISS 2
logo
Endress+Hauser Group Se...
CLS50D EH-CLS50D Datasheet
947Kb / 20P
Inductive conductivity sensor for standard, Ex and high-temperature applications
2023-07-31
CLS54 EH-CLS54 Datasheet
775Kb / 16P
Hygienic inductive conductivity sensor for applications in the food, beverage, pharmaceutical and biotech industries
CLS54D EH-CLS54D Datasheet
775Kb / 12P
Indumax CLS54D
More results

Similar Description - CLS52

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CLD132 EH-CLD132 Datasheet
910Kb / 20P
Measuring system with inductive sensor for conductivity and concentration measurement in the food industry
CLD18 EH-CLD18 Datasheet
818Kb / 16P
Compact inductive conductivity measurement for the food and beverage industry
2021-06-30
CLM223 EH-CLM223 Datasheet
869Kb / 20P
Conductivity/resistivity measurement
CLS12 EH-CLS12 Datasheet
826Kb / 8P
Conductivity sensor for high-temperature applications
2021-10-31
CLS13 EH-CLS13 Datasheet
855Kb / 8P
Conductivity sensor for high-temperature applications
2022-06-30
CLS16D EH-CLS16D Datasheet
743Kb / 16P
Hygienic conductivity sensors, analog or digital with Memosens technology
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
CLS50D EH-CLS50D Datasheet
947Kb / 20P
Inductive conductivity sensor for standard, Ex and high-temperature applications
2023-07-31
CLS54 EH-CLS54 Datasheet
775Kb / 16P
Hygienic inductive conductivity sensor for applications in the food, beverage, pharmaceutical and biotech industries
CLS82E EH-CLS82E Datasheet
578Kb / 16P
Hygienic conductivity sensor Digital with Memosens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com