Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CLS52 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Indumax CLS52
Endress+Hauser
7
Process
Process temperature
-5 to +125 °C (+21 to +257 °F)
Sterilization
140 °C (284 °F) / 4 bar (58 psi) (max. 30. min.)
Process pressure (absolute)
17 bar (264.5 psi) up to 90 °C (194 °F)
Temperature/pressure
ratings
A
50
70
1 0
1
1 0
4
10
30
125
90
0
–5
[° C]
5
13
17
[bar]
32 50
86
122
158
230
284
194
257
[°F]
188.5
246.5
[psi]
9
130.5
1
14.5
72.5
(abs)
A0028355
 6
A = Temporarily for sterilization (max. 30 min.)
Mechanical construction
Design
1
2
4
3
A0028354
 7
Indumax CLS52
1
Housing
2
Temperature sensor
3
Process connection
4
Flow opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com