Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Indumax CLS52
10
Endress+Hauser
Chemical resistance
Medium
Concentration
PEEK
1.4435
CHEMRAZ
EPDM
Sodium
hydroxide
solution
NaOH
0 to 10 %
20 to 100 °C
(68 to 212 °F)
20 to 90 °C
(68 to 194 °F)
20 to 100 °C
(68 to 212 °F)
20 to 100 °C
(68 to 212 °F)
0 to 50 %
20 to 100 °C
(68 to 212 °F)
20 to 90 °C
(68 to 194 °F)
20 to 100 °C
(68 to 212 °F)
20 to 60 °C
(68 to 140 °F)
Nitric acid
HNO3
0 to 10 %
20 to 100 °C
(68 to 212 °F)
20 to 100 °C
(68 to 212 °F)
20 to 100 °C1)
(68 to 212 °F)1)
20 °C
(68 °F)
0 to 25 %
20 to 40 °C
(68 to 104 °F)
20 to 100 °C
(68 to 212 °F)
20 to 100 °C1)
(68 to 212 °F)1)
Cannot be used
Phosphoric acid
H3PO4
0 to 10 %
20 to 100 °C
(68 to 212 °F)
20 to 100 °C
(68 to 212 °F)
20 to 100 °C
(68 to 212 °F)
20 to 80 °C
(68 to 176 °F)
0 to 30 %
20 to 100 °C
(68 to 212 °F)
20 to 85 °C
(68 to 185 °F)
20 to 100 °C
(68 to 212 °F)
20 to 80 °C
(68 to 176 °F)
Sulfuric acid
H2SO4
0 to 2.5 %
20 to 100 °C1)
(68 to 212 °F)1)
20 to 70 °C
(68 to 158 °F)
20 to 100 °C
(68 to 212 °F)
20 to 30 °C
(68 to 86 °F)
0 to 30 %
20 to 100 °C1)
(68 to 212 °F)1)
Cannot be used
20 to 100 °C
(68 to 212 °F)
20 to 30 °C
(68 to 86 °F)
1)
Slight corrosion possible
Errors and omissions excepted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com