Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CLS52 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Indumax CLS52
2
Endress+Hauser
Function and system design
Measuring principle
Inductive conductivity measurement
An oscillator (1) generates an alternating magnetic field in the primary coil (5), which induces a
current flow (4) in the medium. The strength of the current depends on the conductivity and thus on
the ion concentration in the medium. The current flow in the medium, in turn, generates a magnetic
field in the secondary coil (3). The resulting induced current is measured by the receiver (2) and used
to determine the conductivity.
1
2
3
4
5
A0024926
1
2
3
4
5
Oscillator
Receiver
Secondary coil
Current flow in the medium
Primary coil
Advantages of inductive conductivity measurement:
• No electrodes and therefore no polarization effects
• Accurate measurement in media with a high degree of
pollution and a tendency to form buildup
• Complete galvanic isolation of the measurement and the
medium
Important features of
Indumax CLS52
• Hygiene
The injection-molded PEEK sensor offers outstanding chemical, mechanical and thermal
resistance and is hygienically safe thanks to its seamless, crevice-free design.
• Temperature measurement and temperature compensation
For applications requiring fast temperature compensation (e.g. CIP return line, phase separation at
different temperatures), the Pt 100 temperature sensor is installed in a stainless steel thermal
conductivity socket which is sealed via a Chemraz O-ring. This guarantees very short temperature
response times (t90 < 5s).
• Process temperature
The use of special components and materials means that the sensor is suitable for exposure to
continuous temperatures of up to 125 °C. It can be operated at temperatures up to 140 °C for a
short time (max. 30 min.) for sterilization purposes.
• Process connections
The sensor is available with all the process connections commonly used in hygienic applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com