Electronic Components Datasheet Search
  English  ▼

X  

CLS52 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CLS52
Description  Inductive conductivity sensor with fast temperature measurement and hygienic design
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS52 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CLS52 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLS52 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Indumax CLS52
6
Endress+Hauser
Installation factor
The ionic current in the liquid is affected by the walls in confined installation conditions. This effect
is compensated by what is referred to as the installation factor. The installation factor can be entered
in the transmitter for the measurement or the cell constant is corrected by multiplying by the
installation factor.
The value of the installation factor depends on the diameter and the conductivity of the pipe nozzle
as well as the distance a between the sensor and the wall.
The installation factor (f = 1.0) can be disregarded if the distance to the wall is sufficient
(a > 15 mm, from DN 65).
If the distance to the wall is smaller, the installation factor increases for electrically insulating pipes
(f > 1), and decreases for electrically conductive pipes (f < 1).
It can be measured using calibration solutions, or a close approximation can be determined from the
adjacent diagram.
0.80
1.00
1.20
1.40
10
20
30
40
f
a [mm]
1
2
0.39
0.79
1.18
1.57
a [inch]
A0028359
 5
Relationship between installation factor f and wall distance a
1
Conductive pipe
2
Insulating pipe
Air set
To compensate residual coupling in the cable and between the two sensor coils, zero adjustment in
air ("air set") must be performed before installing the sensor. Follow the instructions provided in the
Operating Instructions of the transmitter used.
Environment
Ambient temperature range
-10 to +70 °C (+10 to +160 °F)
Storage temperature
-25 to +80 °C (-13 to +176 °F)
Humidity
5 to 95 %
Degree of protection
IP 67 / NEMA 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com