Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 4 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 4 Page - Texas Instruments

  65053 Datasheet HTML 1Page - Texas Instruments 65053 Datasheet HTML 2Page - Texas Instruments 65053 Datasheet HTML 3Page - Texas Instruments 65053 Datasheet HTML 4Page - Texas Instruments 65053 Datasheet HTML 5Page - Texas Instruments 65053 Datasheet HTML 6Page - Texas Instruments 65053 Datasheet HTML 7Page - Texas Instruments 65053 Datasheet HTML 8Page - Texas Instruments 65053 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
TPS65053
SLVS754 – MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
V
cc = VINDCDC1/2 = 3.6V, EN = Vcc, MODE = GND, L = 2.2µH, COUT = 22µF, TA = –40°C to 85°C typical values
are at T
A = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.025
2.25
2.475
MHz
OUTPUT
VOUT
Output voltage range
0.6
VIN
V
Vref
Reference voltage
600
mV
VIN = 2.5 V to 6.0 V, Mode = GND,
-2%
0
2%
PFM operation, 0 mA < IOUT < IOUTMAX
DC output voltage
DCDC1,
VOUT
accuracy
DCDC2(1)
VIN = 2.5 V to 6.0 V, Mode = VIN,
–1%
0
1%
PWM operation, 0 mA < IOUT < IOUTMAX
IOUT = 1 mA, Mode = GND, VO = 1.3 V,
∆V
OUT
Power save mode ripple voltage(2)
25
mVPP
Bandwidth = 20 MHz
tStart
Start-up time
Time from active EN to Start switching
170
µs
tRamp
VOUT Ramp up Time
Time to ramp from 5% to 95% of VOUT
750
µs
RESET delay time
Input voltage at threshold pin rising
80
100
120
ms
VOL
RESET output low voltage
IOL = 1 mA, Vthreshold < 1 V
0.2
V
RESET sink current
1
mA
RESET output leakage current
Vthreshold > 1 V
10
nA
Vth
Threshold voltage
falling voltage
0.98
1
1.02
V
VLDO1, VLDO2, VLDO3 LOW DROPOUT REGULATORS
Input voltage range for LDO1, LDO2,
VINLDO
1.5
6.5
V
LDO3
VLDO1
LDO1 output voltage range
1.0
VinLDO1
V
VinLDO2/
VLDO2
LDO2 output voltage range
1.0
V
3
VLDO3
LDO3 output voltage
1.3
V
Feedback voltage for FB_LDO1,
V(FB)
1
V
FB_LDO2
Maximum output current for LDO1
400
mA
IO
Maximum output current for LDO2,
200
mA
LDO3
LDO1 short-circuit current limit
VLDO1 = GND
850
mA
I(SC)
LDO2 & LDO3 short-circuit current
VLDO2 = GND, VLDO3 = GND
420
mA
limit
Dropout voltage at LDO1
IO = 400 mA, VINLDO1 = 1.8 V
280
mV
Dropout voltage at LDO2, LDO3
IO = 200 mA, VINLDO2/3 = 1.8 V
280
mV
Output voltage accuracy for LDO1,
IO = 10 mA
–2%
1%
LDO2, LDO3(1)
Line regulation for LDO1, LDO2,
VINLDO1,2 = VLDO1,2 + 0.5 V (min. 2.5 V) to 6.5V, IO = 10 mA
–1%
1%
LDO3
Load regulation for LDO1, LDO2,
IO = 0 mA to 400 mA for LDO1
–1%
1%
LDO3
IO = 0 mA to 200 mA for LDO2, LDO3
Regulation time for LDO1, LDO2,
Load change from 10% to 90%
25
µs
LDO3
Internal discharge resistor at VLDO1,
R(DIS)
Active when LDO is disabled
350
Ω
VLDO2, VLDO3
Thermal shutdown
Increasing junction temperature
140
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
(1)
Output voltage specification does not include tolerance of external voltage programming resistors.
(2)
In Power Save Mode, operation is typically entered at IPSM = VIN / 32 Ω.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com