Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 13 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 65053 Datasheet HTML 9Page - Texas Instruments 65053 Datasheet HTML 10Page - Texas Instruments 65053 Datasheet HTML 11Page - Texas Instruments 65053 Datasheet HTML 12Page - Texas Instruments 65053 Datasheet HTML 13Page - Texas Instruments 65053 Datasheet HTML 14Page - Texas Instruments 65053 Datasheet HTML 15Page - Texas Instruments 65053 Datasheet HTML 16Page - Texas Instruments 65053 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
Dynamic Voltage Positioning
+1%
-1%
PWMMode
medium/heavyload
PFMMode
lightload
Smooth
increasedload
PWMMode
medium/heavyload
PFMMode
lightload
Fastloadtransient
COMP_LOWthreshold
VOUT_NOM
Soft Start
V
OUT
EN
95%
5%
t
Start
t
RAMP
TPS65053
SLVS754 – MARCH 2007
DETAILED DESCRIPTION (continued)
This feature reduces the voltage under/overshoots at load steps from light to heavy load and vice versa. It is
activated in Power Save Mode operation when the converter runs in PFM Mode. It provides more headroom for
both the voltage drop at a load step increase and the voltage increase at a load throw-off. This improves load
transient behavior.
At light loads, in which the converters operate in PFM Mode, the output voltage is regulated typically 1% higher
than the nominal value. In case of a load transient from light load to heavy load, the output voltage will drop until
it reaches the skip comparator low threshold set to –1% below the nominal value and enters PWM mode. During
a load throw off from heavy load to light load, the voltage overshoot is also minimized due to active regulation
turning on the N-channel switch.
Figure 19. Dynamic Voltage Positioning
The two converters have an internal soft start circuit that limits the inrush current during start-up. During soft
start, the output voltage ramp up is controlled as shown in Figure 20.
Figure 20. Soft Start
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com