Electronic Components Datasheet Search
  English  ▼

X  

65053 Datasheet(PDF) 3 Page - Texas Instruments

Part # 65053
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65053 Datasheet(HTML) 3 Page - Texas Instruments

  65053 Datasheet HTML 1Page - Texas Instruments 65053 Datasheet HTML 2Page - Texas Instruments 65053 Datasheet HTML 3Page - Texas Instruments 65053 Datasheet HTML 4Page - Texas Instruments 65053 Datasheet HTML 5Page - Texas Instruments 65053 Datasheet HTML 6Page - Texas Instruments 65053 Datasheet HTML 7Page - Texas Instruments 65053 Datasheet HTML 8Page - Texas Instruments 65053 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65053
SLVS754 – MARCH 2007
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
Cin1-2
Input capacitor at VINLDO1, VINLDO2/3 (1)
2.2
µF
COUT1
Output capacitor at VLDO1 (1)
4.7
µF
COUT2-3
Output capacitor at VLDO2-3 (1)
2.2
µF
ILDO1
Output current at VLDO1
400
mA
ILDO2,3
Output current at VLDO2,3
200
mA
TA
Operating ambient temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
125
°C
RCC
Resistor from battery voltage to VCC used for filtering(2)
1
10
Ω
(2)
Up to 2 mA can flow into VCC when both converters are running in PWM, this resistor causes the UVLO threshold to be shifted
accordingly.
V
cc = VINDCDC1/2 = 3.6V, EN = Vcc, MODE = GND, L = 2.2µH, COUT = 22µF, TA = –40°C to 85°C typical values
are at T
A = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Vcc
Input voltage range
2.5
6.0
V
One converter, IOUT = 0 mA.PFM mode enabled (Mode =
GND) device not switching,
20
30
µA
EN_DCDC1 = Vin OR EN_DCDC2 = Vin;
EN_LDO1= EN_LDO2 = EN_LDO3 = GND
Two converters, IOUT = 0 mA, PFM mode enabled (Mode =
Operating quiescent current
0) device not switching,
IQ
Total current into VCC, VINDCDC1/2,
32
40
µA
EN_DCDC1 = Vin AND EN_DCDC2 = Vin;
VINLDO1, VINLDO2/3
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
One converter, IOUT = 0 mA, PFM mode enabled (Mode =
GND) device not switching,
145
210
µA
EN_DCDC1 = Vin OR EN_DCDC2 = Vin;
EN_LDO1 = EN_LDO2 = EN_LDO3 = Vin
One converter, IOUT = 0 mA, Switching with no load (Mode
= Vin), PWM operation
0.85
mA
EN_DCDC1 = Vin OR EN_DCDC2 = Vin;
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
IQ
Operating quiescent current into VCC
Two converters, IOUT = 0 mA, Switching with no load (Mode
= Vin), PWM operation
1.25
mA
EN_DCDC1 = Vin AND EN_DCDC2 = Vin;
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
EN_DCDC1 = EN_DCDC2 = GND
I(SD)
Shutdown current
9
12
µA
EN_LDO1 = EN_LDO2 = EN_LDO3 = GND
Undervoltage lockout threshold for
V(UVLO)
Voltage at VCC
1.8
2.0
V
DCDC converters and LDOs
EN_DCDC1, EN_DCDC2, EN_LDO1, EN_LDO2, EN_LDO3, MODE
MODE, EN_DCDC1, EN_DCDC2, EN_LDO1, EN_LDO2,
VIH
High-level input voltage
1.2
VCC
V
EN_LDO3
MODE, EN_DCDC1, EN_DCDC2, EN_LDO1, EN_LDO2,
VIL
Low-level input voltage
0
0.4
V
EN_LDO3
MODE, EN_DCDC1, EN_DCDC2, EN_LDO1, EN_LDO2,
IIN
Input bias current
0.01
1.0
µA
EN_LDO3, MODE = GND or VIN
POWER SWITCH
VINDCDC1/2 = 3.6 V
280
630
P-channel MOSFET on
DCDC1,
rDS(on)
m
Ω
resistance
DCDC2
VINDCDC1/2 = 2.5 V
400
ILD_PMOS
P-channel leakage current
V(DS) = 6 V
1
µA
VINDCDC1/2 = 3.6 V
220
450
N-channel MOSFET on
DCDC1,
rDS(on)
m
Ω
resistance
DCDC2
VINDCDC1/2 = 2.5 V
320
ILK_NMOS
N-channel leakage current
V(DS) = 6.0 V
7
10
µA
Forward Current Limit
DCDC1
1.19
1.4
1.65
I(LIMF)
PMOS (High-Side) and
2.5 V
≤ V
IN ≤ 6.0 V
A
DCDC2
0.85
1.0
1.15
NMOS (Low side)
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com